Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR08152S Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button AUIR08152S Datasheet HTML 5Page - Infineon Technologies AG AUIR08152S Datasheet HTML 6Page - Infineon Technologies AG AUIR08152S Datasheet HTML 7Page - Infineon Technologies AG AUIR08152S Datasheet HTML 8Page - Infineon Technologies AG AUIR08152S Datasheet HTML 9Page - Infineon Technologies AG AUIR08152S Datasheet HTML 10Page - Infineon Technologies AG AUIR08152S Datasheet HTML 11Page - Infineon Technologies AG AUIR08152S Datasheet HTML 12Page - Infineon Technologies AG AUIR08152S Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AUIR08152S
9
Rev. A8.0
2015-11-09
Example 2: IGBT gate driving by AUIRS21814S ( or AUIRS2191S) and two AUIR08152S buffer ICs.
AUIRS21814S
(AUIRS2191S)
AUIR08152S
AUIR08152S
Vcc
HIN
LIN
COM
Vb
HO
Vs
LO
Vcch
Veeh
Vcc
IN
LPM
OUTH
OUTL
DC+
Vee
GND
Cb
Zl
Zl
DC-
Rin
Ron
Roff
Roff
Ron
GND
Vee
Vcc
Vcc
LPM
IN
Rin
VccL
VeeL
OUTH
OUTL
15V
15V
7V
7V
Vss
Cb
Figure A-2
The AUIRS21814S (and the AUIRS2191S) have separate Vss and COM pins. They can be simply connected
together or, better, connected to separate logic and power GND.
In any case, the low side AUIR08152S GND pin has to be connected to the low side IGBT emitter, and layouting
care has to be taken that, in case of separate Vss and COM grounding, the imbalance between these two points
doesn’t exceed the data sheet value (usually +/-5V).
Example 3: IGBT gate driving by two AUIRS2117(8)S and two AUIR08152S buffer ICs.
Here, the situation is partially better in term of separation between logic and power GND, in that even the low
side power GND can float -5V to +600V with respect to COM, which is connected to signal GND.
Actually, because the negative Vs transient capability of the AUIRS2117(8) , much more room is allowed for both
positive and negative transients of the IGBT emitters w.r.to COM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com