Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR08152S Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button AUIR08152S Datasheet HTML 8Page - Infineon Technologies AG AUIR08152S Datasheet HTML 9Page - Infineon Technologies AG AUIR08152S Datasheet HTML 10Page - Infineon Technologies AG AUIR08152S Datasheet HTML 11Page - Infineon Technologies AG AUIR08152S Datasheet HTML 12Page - Infineon Technologies AG AUIR08152S Datasheet HTML 13Page - Infineon Technologies AG AUIR08152S Datasheet HTML 14Page - Infineon Technologies AG AUIR08152S Datasheet HTML 15Page - Infineon Technologies AG AUIR08152S Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AUIR08152S
12
Rev. A8.0
2015-11-09
General Application Hints
IN & LPM interface
IN and LPM have a current capability of 10mA max (source and sink); these limits only apply in case the stage
driving these signals may go above Vcc or below Vcc-40V.
In the majority of cases, when the driving stage is only an open collector, referenced at GND or
–Vee, when
looking at the functional block diagram, it appears the internal comparators have 6V zener clamp diodes, whose
current is limited to much lower current by internal limiting resistors. These currents are IIN15 and ILPM15 and are
reported in the static electrical characteristics for Vcc=15V and IN and LPM being pulled down at GND level.
In any case, when driving IN and LPM via open collector outputs, a pull-up resistor is needed, to guarantee
clean rise times (fall time are uniquely determined by the speed the open collectors turns-on).
Rise time is determined by the pull-up resistor and the equivalent pin capacitance to Vcc. Typically few hundred
Ohm to few kOhm are placed here.
If a push pull, and not an open collector, stage is used to drive IN and LPM, no pull-up resistor is needed but pay
attention the push pull stage is fed between Vcc and GND or Vcc and
–Vee.
A pull down resistor (few hundred kOhm) is suggested instead, especially if long traces or cables connect the
predriver to the buffer IC.
IC power dissipation
This figure is mostly related to the switching frequency, the value of external gate resistances, and the
equivalent load capacitance (the IGBT gate Ciss).
A complete characterization of the IC capabilities is given in figure 6, and shown here again for sake of clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com