Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR08152S Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button AUIR08152S Datasheet HTML 6Page - Infineon Technologies AG AUIR08152S Datasheet HTML 7Page - Infineon Technologies AG AUIR08152S Datasheet HTML 8Page - Infineon Technologies AG AUIR08152S Datasheet HTML 9Page - Infineon Technologies AG AUIR08152S Datasheet HTML 10Page - Infineon Technologies AG AUIR08152S Datasheet HTML 11Page - Infineon Technologies AG AUIR08152S Datasheet HTML 12Page - Infineon Technologies AG AUIR08152S Datasheet HTML 13Page - Infineon Technologies AG AUIR08152S Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AUIR08152S
10
Rev. A8.0
2015-11-09
AUIR08152S
AUIR08152S
Vcch
Veeh
Vcc
IN
LPM
OUTH
OUTL
DC+
Vee
GND
Cb
Zl
Zl
DC-
Rin
Ron
Roff
Roff
Ron
GND
Vee
Vcc
Vcc
LPM
IN
Rin
VccL
VeeL
OUTH
OUTL
15V
15V
7V
7V
Signal Gnd
Cb
AUIRS2117(8)S
AUIRS2117(8)S
Vb
HO
Vs
Vcc
IN
COM
Vb
HO
Vs
Vcc
IN
COM
Vcc
15V
Figure A-3
Examples of system schematics with Opto
The example in Figure A-4 is, again, a leg gate driver where the AUIR08152 are driven by optocouplers.
The optocoupler only needs to drive a logic signal (the input of the buffer) so there is no need for high current
capability. Its speed mostly depends upon system switching frequency and control aspects. The propagation
delays and rise and fall times of the opto’s stage must preferably be well below the buffer IC ones, to avoid
introducing further delays which affect both the system control loop stability and the modulation depth.
Figure A-4 shows the schematic of one of the leg sections ( high or low ) while Figure A-5 shows the layout.
Figure A-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com