Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR08152S Datasheet(HTML) 4 Page - Infineon Technologies AG

  AUIR08152S Datasheet HTML 1Page - Infineon Technologies AG AUIR08152S Datasheet HTML 2Page - Infineon Technologies AG AUIR08152S Datasheet HTML 3Page - Infineon Technologies AG AUIR08152S Datasheet HTML 4Page - Infineon Technologies AG AUIR08152S Datasheet HTML 5Page - Infineon Technologies AG AUIR08152S Datasheet HTML 6Page - Infineon Technologies AG AUIR08152S Datasheet HTML 7Page - Infineon Technologies AG AUIR08152S Datasheet HTML 8Page - Infineon Technologies AG AUIR08152S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AUIR08152S
4
Rev. A8.0
2015-11-09
Switching Electrical Characteristics
VCC – Gnd = 15V, Vee – Gnd = -9V, Cboot = 15nF, Ron= Roff = 3Ω , CLOAD = 220nF, -40 °C < TA < 125 °C unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
ton
OUTH turn on propagation delay
—
150
350
ns
See parameters definitions
LPM = X
toff
OUTL turn off propagation delay
—
230
350
toff_VCBuv
OUTL turn off prop. delay when VCB < VCBuv *
—
90
350
tr
OUTH rise time
—
50
150
tf
OUTL fall time
—
50
150
trLQ
OUTH rise time (IN=1, Vcc ramping up, LPM = Gnd)
—
50
250
VEE = LPM = Gnd, IN = Vcc
tfLQ
OUTL fall time (IN=1, Vcc ramping down, LPM = Gnd)
—
50
250
VEE = LPM = Gnd, IN = Vcc
Min Out-ON
ON time for 0.5µs IN pulse
200
600
900
Cload = open
Min Out-OFF
cb discharged
OFF time for 0.5µs IN pulse, CB discharged
200
500
900
Cload = open, CB = 15 nF
Min Out-OFF
cb charged
OFF time for 0.5µs IN pulse, CB charged
200
400
900
Cload = open, CB = 15 nF
tonLPM
LPM activation time (from LPM edge to ICB < IBOUTH/2 )
—
0.6
3
µs
by design
toffLPM
LPM deactivation time (from LPM edge to ICB > IBOUTH/2 )
—
0.6
3
* See also Fig. 5
Truth Table
IN
LPM
VCC
OUTH
OUTL
Status
X
X
< Vccuv
Open
Vee
IGBT or MOSFET = OFF
– Low power mode
Gnd
Gnd
> Vccuv
Open
Vee
IGBT or MOSFET = OFF
– Low power mode
Gnd
Vcc
> Vccuv
Open
Vee
IGBT or MOSFET = OFF
– Normal mode
Vcc
Gnd
> Vccuv
Vcc
Open
IGBT or MOSFET = ON
– Low power mode
Vcc
Vcc
> Vccuv
Vcc
Open
IGBT or MOSFET = ON
– Normal mode
Lead Assignments
Lead Definitions
Symbol
Description
Pin
CB
External Bootstrap capacitor
(cf. typical connection schematic)
1
Vee
Negative Supply Pin
2
IN
Gate Drive Input, (IN= Vcc forces OutH = high)
3
LPM
Low Power Mode Input, LPM= GND activates the Low Power Mode
4
GND
0V
– IGBT Emitter or MOSFET Source Connection (cf. typical connection schematic)
5
OUTL
Gate Drive Output Pull down
6
OUTH
Gate Drive Output Pull up
7
Vcc
Positive Supply Pin
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com