Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR08152S Datasheet(HTML) 2 Page - Infineon Technologies AG

  AUIR08152S Datasheet HTML 1Page - Infineon Technologies AG AUIR08152S Datasheet HTML 2Page - Infineon Technologies AG AUIR08152S Datasheet HTML 3Page - Infineon Technologies AG AUIR08152S Datasheet HTML 4Page - Infineon Technologies AG AUIR08152S Datasheet HTML 5Page - Infineon Technologies AG AUIR08152S Datasheet HTML 6Page - Infineon Technologies AG AUIR08152S Datasheet HTML 7Page - Infineon Technologies AG AUIR08152S Datasheet HTML 8Page - Infineon Technologies AG AUIR08152S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AUIR08152S
2
Rev. A8.0
2015-11-09
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which permanent damage to the device may occur. These are stress ra tings only, functional operation of the device at these or
any other condition beyond those indicated in the “Recommended Operating Condition” is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect
device reliability. All voltage parameters are absolute voltages referenced to GND unless otherwise stated in the table. The thermal resistance and power dissipation ratings are measured
mounted on board in free air condition.
Symbol
Definition
Min
Max
Units
Vcc-Gnd
Vcc to Gnd maximum voltage
-0.3
+37
V
Vcc-Vee
Vcc to Vee maximum voltage
-0.3
+37
Vcc-VIN
Vcc to Vin maximum voltage
-0.3
+37
Vcc-Vlpm
Vcc to VLPM maximum voltage
-0.3
+37
VCB
CB to OUTH max voltage
-0.3
+5.5
ILPM
LPM pin maximum current
-10
+10
mA
Iin
IN pin maximum current
-10
+10
VOUTH
OUTH pin maximum voltage, DC operation
Vcc - 37
VCC + 0.3
V
VOUTL
OUTL pin maximum voltage, DC operation
VEE - 0.2
VCC + 0.3
IOUTH
Maximum input transient current to OUTH pin (t < 1us,Ron = 2
)
---
2
A
IOUTL
Maximum output transient current from OUTL pin (t < 1us, Roff = 2
)
---
1.5
PD
Package power dissipation @ TA ≤ 25 °C
1
W
RthJA
Thermal resistance, junction to ambient
80
K/W
TJ
Junction temperature
-40
150
°C
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
Recommended Operating Conditions
The recommended conditions represent the AUIR08152 optimum performances for the typical application
Symbol
Definition
Min.
Max.
Units
VCC-GND
Gate driver positive supply voltage
15
25
V
GND-VEE
Recommended negative gate bias
0
-10
VCC-VEE
Total supply voltage
15
35
VOUTH
OUTH Output voltage
Vcc - 35
Vcc
VIN,lpm
IN and LPM pins voltage range
Vcc-35
VCC
Cboot
Recommended bootstrap ceramic capacitor
10
47
nF
Cload
Maximum recommended equivalent gate capacitor
240
Cdec
Recommended Vcc & Vee decoupling capacitors*
22
33
µF
Ron
OUTH series resistor to gate
1.5
20
Roff
OUTL series resistor to gate
1.5
20
R pull-up
Recommended pull-up resistor for IN and LPM pins
10
100
kΩ
PWoff
Minimum recommended OFF time on the IN pin
1
µs
PWon
Minimum recommended ON time on the IN pin
1
* Due to the high current application a good quality low ESR capacitor has to be used.
Numbers are indicative, a value about 40 times the load capacitance seen at the OutH and OutL pins is suggested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com