Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR08152S Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button AUIR08152S Datasheet HTML 4Page - Infineon Technologies AG AUIR08152S Datasheet HTML 5Page - Infineon Technologies AG AUIR08152S Datasheet HTML 6Page - Infineon Technologies AG AUIR08152S Datasheet HTML 7Page - Infineon Technologies AG AUIR08152S Datasheet HTML 8Page - Infineon Technologies AG AUIR08152S Datasheet HTML 9Page - Infineon Technologies AG AUIR08152S Datasheet HTML 10Page - Infineon Technologies AG AUIR08152S Datasheet HTML 11Page - Infineon Technologies AG AUIR08152S Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AUIR08152S
8
Rev. A8.0
2015-11-09
Examples of system schematics with HVIC
This section shows how the AUIR08152S can be driven by IR High Voltage IC (HVIC).
All the examples refer to an inverter leg; floating voltage sources to supply the high side AUIR08152S are
named Vcch and Veeh, while voltage sources to supply the low side AUIR08152S are named Vccl and Veel.
In the examples, a 7V negative Veeh(l) is shown; this is usually enough to keep even big die size IGBT firmly
clamped in their OFF state during dV/dt transients; in case the IGBTs do not require a negative gate voltage,
Veeh(l) sources can simply be shorted to their relevant IC GND (h or l ).
It is straightforward to say that, when multiple legs are considered, floating supplies must have galvanic isolation
between each other (and w.r.to low side); low side supplies could be shared between the different legs but the
choice if using multiple or shared low side supplies mostly depend upon the system layout.
Especially important in the emitter impedance Zl, as shown in the figures. Non negligible value of the emitter
inductance creates imbalance between the emitter returns and may suggest using separate supplies also for the
low side gate drivers.
Example1 : IGBT gate driving by AUIRS2181S and two AUIR08152S buffer ICs.
AUIRS2181S
AUIR08152S
AUIR08152S
Vcc
HIN
LIN
COM
Vb
HO
Vs
LO
Vcch
Veeh
Vcc
IN
LPM
OUTH
OUTL
DC+
Vee
GND
Cb
Zl
Zl
DC-
Rin
Ron
Roff
Roff
Ron
GND
Vee
Vcc
Vcc
LPM
IN
Rin
VccL
VeeL
OUTH
OUTL
15V
15V
7V
7V
Cb
Figure A-1
The AUIRS2181S is a 8 pin SOIC and does not have separate COM (power GND) and Vss (signal GND) pins.
Therefore, COM is directly connected to the GND of the low side buffer IC but special care has to be taken when
layouting power and control section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com