Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7066 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
FEDL7066-01
ML7066
7/29
Other Pins
Pin No.
Pin Name
Attribute/
value at reset
I/O
Active
Level
Description
8
RESETN
I
IS
L
Hardware reset pin
7
SRESETN
I
IU
L
Software reset pin
Wake up pin when in sleep mode.
This pin is active when RESETN=1.
2
XI
I
IOS
P or N
19.2 MHz crystal connection pin 1
External clock input pin.
1
XO
O
OOS
–
19.2 MHz crystal connection pin 2
Leave open when XI (pin #2) is configured as an external clock
input pin.
9
SW_CTRL
O
OD
L
Antenna switch control pin
L: In transmitting mode
HiZ: In receiving mode
47
POWOFF
L
O
H
External component power on/off control pin
Active level polarity is changeable by register setting.
48
EXTCLK
I
I
P or N External 32.768 kHz clock input pin (*3)
38
MODE1
I
IO
H or L
Bit order on SCI Data setting pin
L: LSB first
H: MSB first
39
MODE2
I
I
H or L
Operation mode setting pin
L: Normal mode
H: Test mode
Always fix this pin to “L” input in normal operation.
22,24
NC
O
OA
–
Unused. (Open)
(*3) Always EXTCLK input is required for ML7066 operation.
Recommended Handling of Unused Pins
LAPIS Semiconductor recommends handling unused pins as shown below so that the basic operation of the ML7275 is
unimpaired.
Pin No.
Pin Name
Recommended pin handling
1
XO
Open (when XI is configured as an external clock input pin.)
7
SRESETN
Connect to VDDIO
47
POWOFF
Open
NOTE
If any input pins are left open, the current consumption may increase. Therefore, it is recommended that the unused
input ports and I/O ports be always fixed with “L” or “H” input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com