Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7066 Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML7066 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
FEDL7066-01
ML7066
3/29
Pin Configuration
48-pin VQFN
36
35
34
33
32
31
30
29
28
27
26
25
REGPDOIN
37
24
N.C.
MODE1
38
23
IF2_IN
MODE2
39
22
N.C.
VDDIO
40
21
IF2_OUT
SDIN
41
20
GND_RF_IF
GND
42
19
IF1_IN
SDO
43
18
VDD_IF
SCLK
44
17
IF1_OUT
SCEN
45
16
VDD_MIX
SINT
46
15
RF_IN_P
POWOFF
47
14
GND_RF_IF
EXT CLK
48
13
RF_IN_N
1
2
3
4
5
67
8
91011
12
Lower surface of PKG: GND
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com