Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7066 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML7066 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
FEDL7066-01
ML7066
4/29
Description of Pins
I/O definition
IRF
:
RF input pin
IA
:
Analog input pin
I
:
Digital input pin
IS
:
Schmitt trigger input pin
IU
:
Input pin with pull-up register
ID
:
Input pin with pull-down register
IOS
:
Input pin for 24MHz oscillation circuit
ORF
:
RF control output pin
OA
:
Analog output pin
O
:
Digital output pin
OOS
:
Output pin for 24MHz oscillation circuit
OD
:
Open drain output pin
RF Related Pins
Pin No. Pin Name
Attribute/
value at reset
I/O
Active
Level
Description
12
RF_OUT
O
ORF
–
RF output pin
13
RF_IN_N
I
IRF
–
Positive RF input pin (differential)
15
RF_IN_P
I
IRF
–
Negative RF input pin (differential)
17
IF1_OUT
O
OA
–
1
st IF filter pin (output to filter)
19
IF1_IN
I
IA
–
1
st IF filter pin (input from filter)
21
IF2_OUT
O
OA
–
2
nd IF filter pin (output to filter)
23
IF2_IN
I
IA
–
2
nd IF filter pin (input from filter)
29
PLL_BG
O
OA
–
Loop filter related pin
30
PLL_LP
O
OA
–
Loop filter pin
26
TANK1
I
IA
–
VCO tank inductor pin 1
27
TANK2
I
IA
–
VCO tank inductor pin 2
Host Interface Pins
Pin No. Pin Name
Attribute/
value at reset
I/O
Active
Level
Description
41
SDIN
I
I
H or L Synchronous communication interface data input pin
43
SDO
L
O
H or L Synchronous communication interface data output pin
44
SCLK
I
I
P or N Synchronous communication interface clock input pin
46
SINTN
H
O
L
Synchronous communication interface interrupt output pin
45
SCEN
I
IU
L
Synchronous communication interface chip select input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com