Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7066 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML7066 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FEDL7066-01
Issue Date: April. 28, 2011
ML7066
400MHz Transceiver IC for Specified Low-Power Station
1/29
ZigBee
® is a registered trademark of ZigBee Alliance, Inc. Other names are trademarks or registered trademarks of developers and
manufacturers.
The information contained herein can change without notice owing to product and/or technical improvements.
General Description
The ML7066 is an transceiver IC that can be used for specified low-power statiom , where the RF section, IF section, modem
section and HOST interface section are integrated into one chip. It supports the 400MHz radio communication and complies with
RCR STD-30 (426MHz) and ARIB STD-T67 (429MHz). The ML7066 is suitable for auto meter reading, home securithy systems,
wireless fire alarm system, and industorial monitoring and control.
Features
• Complies with RCR STD-30 (low-power radio security system) and ATIB STD-T67 (specified low-power radio statiion)
• Operating Frequency
426.0250 MHz to 426.8375 MHz
429.1750 MHz to 429.9250 MHz
Note: Including the frequency range that are not defined in the standards.
• Data transfer speed
1200 bps, 2400 bps and 4800 bps with NRZ coding
600 bps, 1200 bps and 2400 bps with Manchester coding
• 2-FSK modulation
• Voltage regulator installed
• 19.2 MHz oscillator circuit installed
• Synchronous communication interface (SCI) installed
• Up to 8 oeration channel set function installed
• Carrier (0perating frequency) detect function installed
• Up to 16 bytes preamble generator and detecor installed
• Up to 18 bytes start-of-frame delimiter generator and detector installed
• Intermittent operation function installed (periodic transmition and receiving)
• PLL adjustment function availble to use 60ppm crystal
• Test pattern generatot installed (CW, PN9, PN15, all “0”, all”1”)
• Power supply voltage 2.1V to 3.6V
• Current consumption in the following states (typical);
Stop mode:
0.7 uA
Sleep mode:
4 uA
Idle mode:
2 mA
At transmission (@10mW)
29.5 mA
At reception:
15.5 mA
• Package
48-pin VQFN P-VQFN48-0707-0.50-T6 Product name: ML7066GDZ0AB
• Package
Lead-free package conforming to RoHS


Similar Part No. - ML7066

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML70.100 PULS-ML70.100 Datasheet
962Kb / 2P
DC 24-28V / 72W
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
ML7000-01MA OKI-ML7000-01MA Datasheet
144Kb / 19P
Single Rail CODEC
ML7000-01MB OKI-ML7000-01MB Datasheet
144Kb / 19P
Single Rail CODEC
ML7000-02 OKI-ML7000-02 Datasheet
144Kb / 19P
Single Rail CODEC
More results

Similar Description - ML7066

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSVS614 NJRC-NSVS614 Datasheet
109Kb / 5P
429.42 MHZ SPECIFIED LOW POWER RADIO STATION
NSVA397 NJRC-NSVA397 Datasheet
167Kb / 6P
422.2MHz Specified Low Power Radio Station
logo
Motorola, Inc
MC13180 MOTOROLA-MC13180 Datasheet
995Kb / 58P
2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T_03 Datasheet
234Kb / 11P
Low-Power-Radio Transceiver IC
logo
NIHON DEMPA KOGYO
WF871D0426CD NDK-WF871D0426CD Datasheet
87Kb / 1P
SAW Filter for Specified Low Power Radio
WF871E0428CD NDK-WF871E0428CD Datasheet
88Kb / 1P
SAW Filter for Specified Low Power Radio
WF871J0429CD NDK-WF871J0429CD Datasheet
88Kb / 1P
SAW Filter for Specified Low Power Radio
WFA17A0422CL NDK-WFA17A0422CL Datasheet
86Kb / 1P
SAW Filter for Specified Low Power Radio
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
logo
NIHON DEMPA KOGYO
WF998C0915CE NDK-WF998C0915CE Datasheet
90Kb / 1P
SAW Filter for Specified Low Power Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com