Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7066 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
FEDL7066-01
ML7066
19/29
RF Characteristics
Data rate
:
1200/2400/4800 bps
Modulation method
:
Binary FSK
Channel interval
:
12.5kHz
Frequency range
:
426.0250MHz
∼426.8375 MHz
:
429.1750MHz
∼429.9250 MHz
Power supply voltage (RF)
:
1.95V - 2.35V (supplied from VREG_OUT)
Operating temperature
:
-25°C
∼65°C
Item
Condition
Min.
Typ.
Max.
Unit
at 10mW Mode
5
10
12
mW
Transmitting power
at 1mW Mode
0.5
1
1.2
mW
Transmit adjacent channel leakage
RBW=±4.25kHz
—
—
40
dBc
Occupied bandwidth
99%
4
—
8.5
kHz
Frequency deviation
2
—
—
kHz
Transmit spurious emissions
—
—
2.5
μW
BER<10
-2
Fdev:±1.5kHz at 2400bps
—
—
-113
dBm
Receiver sensitivity
BER<10
-6
Fdev::±1.5kHz at 2400bps
—
—
-107
dBm
Maximum input level
BER<10
-6
Fdev::±1.5kHz at 2400bps
0
—
—
dBm
Receiver spurious response
Desired signal : Reference sensitivity + 3dB
Interfering signal: CW
BER<1%
40
—
—
dB
Receiver C/I adjacent interference
12.5kHz offset
Desired signal: Reference sensitivity + 3dB
Interfering signal: Modulation wave BER<1%
30
—
—
dB
Receiver C/I alternate interference
25.0kHzoffset
Desired signal: Reference sensitivity + 3dB
Interfering signal: Modulation wave BER<1%
30
—
—
dB
Receiver intermodulation
characteristics
Desired signal: Reference sensitivity + 3dB
Interfering signal: CW adjacent channel and
second adjacent channel. BER<1%
40
-
-
dB
Receiver spurious emissions
—
—
4
nW
RSSI dynamic range
40
—
—
dB
RSSI minimum sensitive level
—
—
-105
dBm
State transition time:
transmitting/receiving or
receiving/transmitting
—
—
1
msec
(Notes)
In the Manchester encoding mode, the transmission rates of the baseband (DIO) and on the radio circuit (antenna end)
are 600/1200/2400bps and 1200/2400/4800bps respectively.
These RF characteristics shall be measured using the antenna terminal on an application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com