Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7066 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML7066 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FEDL7066-01
ML7066
5/29
TX/RX Data Related Pins
Pin No. Pin Name
Attribute/
value at reset
I/O
Active
Level
Description
4
DIO
I
IO
H or L
Data input/output pin (Initial value is Low when switch the state
from input to output)
6
DCLK
L
O
P or N Data clock output pin
Regulator Related Pins
Pin No.
Pin Name
Attribute/
value at reset
I/O
Active
Level
Description
33
VREG_OUT
–
–
–
Power supply output pin for the RF block (Typ. 2.2V)
Do not use this pin for purposes other than RF power supply.
35
VREG_CORE
–
–
–
Power supply monitor pin for the core (Typ. 2.2V)
Do not use this pin for purposes other than monitoring purpose.
Decuple this pin to ground with capacitor. (*1)
36
VBG
–
–
–
Back bias pin (Capacitance connection)
Decuple this pin to ground with capacitor. (*1)
37
REGPDIN
L
ID
–
Regulator power down pin
Always fix this pin to “L” input in normal operation.
*1: Please refer reference circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com