Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7066 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
FEDL7066-01
ML7066
13/29
429MHz Band Channel False Detection Matrix
symbol indicates the combination of the transmission and reception channels by the normal setting.
×symbol indicates the channel combination with a possible false detection.
1
2
3
4
5
6
7
8
910
1112
1314
1516
1718
192021
2223
2425
2627
282930
3132
3334
3536
3738
394041
4243
4445
4647
484950
5152
5354
5556
5758
596061
1
429.1750
●
2
429.1875
●
3
429.2000
●
4
429.2125
●
5
429.2250
●
6
429.2375
●
7
429.2500
●
8
429.2625
●
9
429.2750
●
10
429.2875
●
11
429.3000
●
12
429.3125
●
13
429.3250
●
14
429.3375
●
15
429.3500
●
16
429.3625
●
17
429.3750
●
18
429.3875
●
19
429.4000
●
20
429.4125
●
21
429.4250
●
22
429.4375
●
23
429.4500
●
24
429.4625
●
25
429.4750
●
26
429.4875
●
27
429.5000
●
28
429.5125
●
29
429.5250
●
30
429.5375
●
31
429.5500
●
32
429.5625
●
33
429.5750
●
34
429.5875
×
●
35
429.6000
×
●
×
36
429.6125
×
●
×
37
429.6250
×
●
×
38
429.6375
×
●
×
39
429.6500
×
●
×
40
429.6625
×●×
41
429.6750
×●
×
42
429.6875
×●×
43
429.7000
×●
×
44
429.7125
××●××
45
429.7250
××
●××
46
429.7375
×
×●××
47
429.7500
48
429.7625
49
429.7750
50
429.7875
51
429.8000
52
429.8125
×●
53
429.8250
×●×
54
429.8375
××●
×
55
429.8500
××●×
56
429.8625
××●
×
57
429.8750
××●
58
429.8875
××●
59
429.9000
×●
60
429.9125
×●
61
429.9250
×●
RX
ch
RX freq.
(MHz)
Signal frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com