Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410D Datasheet(PDF) 34 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 34 Page - Micronas

Back Button MSP3410D Datasheet HTML 30Page - Micronas MSP3410D Datasheet HTML 31Page - Micronas MSP3410D Datasheet HTML 32Page - Micronas MSP3410D Datasheet HTML 33Page - Micronas MSP3410D Datasheet HTML 34Page - Micronas MSP3410D Datasheet HTML 35Page - Micronas MSP3410D Datasheet HTML 36Page - Micronas MSP3410D Datasheet HTML 37Page - Micronas MSP3410D Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
34
Micronas
Table 6–15: Sequences to initialize and start the MSP 34x0D
LOAD_SEQ_1/2: General Initialization
General Programming Mode
Demodulator Short Programming
Write into MSP 34x0D:
1. AD_CV
2. FIR1
3. FIR2
4. MODE_REG
5. DCO1_LO
6. DCO1_HI
7. DCO2_LO
8. DCO2_HI
Write into MSP 34x0D:
For example: Addr: 0020hex, Data 0008hex
Alternatively, for terrestrial reception, the Autodetect
feature can be applied.
AUDIO PROCESSING INIT
Initialization of Audio Baseband Processing section, which may be customer-dependent
(see section 7. on page 37).
NICAM_WAIT: Automatic start of the NICAM Decoder if Bit[6] of MODE_REG is set to 1
1. Wait at least 0.25 s
NICAM_CHECK: Read NICAM specific information and check for presence, operation mode, and quality of
NICAM signal.
Read out of MSP 3410D:
1. C_AD_BITS
2. CONC_CT or ERROR_RATE; if AUTO_FM is active, reading of CONC_CT or ERROR_RATE can be omitted.
Evaluation of C_AD_BITS and CONC_CT or ERROR_RATE in the CCU (see section 6.6. on page 31).
If necessary, switch the corresponding sound channels within the audio baseband processing section.
FM_WAIT: Automatic start of the FM identification process if Bit[6] of MODE_REG is set to 0.
1. Ident Reset
2. Wait at least 0.5 s
FM_IDENT_CHECK: Read FM specific information and check for presence, operation mode, and quality of dual-
carrier FM.
Read out of MSP 34x0D:
1. Stereo detection register (DSP register 0018hex, high part)
Evaluation of the stereo detection register (see section 7.6.1. on page 50).
If necessary, switch the corresponding sound channels within the audio baseband processing section.
LOAD_SEQ_1: Reinitialization of Channel 1 without affecting Channel 2
Write into MSP 34x0D:
1. FIR1
(6 x 8 bit)
2. MODE_REG
(12 bit)
3. DCO1_LO
(12 bit)
4. DCO1_HI
Write into MSP 34x0D:
For example: Addr: 0020hex, Data: 0003hex
PAUSE: Duration of “Pause” determines the repetition rate of the NICAM or the FM_IDENT check.
Note: If downward-compatibility to the MSP 34x0B is required, the MSP 34x0D may be programmed
according to the MSP 34x0B data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com