Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410D Datasheet(PDF) 39 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 39 Page - Micronas

Back Button MSP3410D Datasheet HTML 35Page - Micronas MSP3410D Datasheet HTML 36Page - Micronas MSP3410D Datasheet HTML 37Page - Micronas MSP3410D Datasheet HTML 38Page - Micronas MSP3410D Datasheet HTML 39Page - Micronas MSP3410D Datasheet HTML 40Page - Micronas MSP3410D Datasheet HTML 41Page - Micronas MSP3410D Datasheet HTML 42Page - Micronas MSP3410D Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
39
7.2. DSP Read Registers: Table and Addresses
Table 7–2: DSP Read Registers; Subaddress: 13hex; these registers are not writable.
DSP Read Register
Address
High/Low
Output Range
Stereo detection register
0018hex
H[80hex ... 7Fhex]
8 bit two’s complement
Quasi-peak readout left
0019hex
H&L
[0000hex ... 7FFFhex]
16 bit two’s complement
Quasi-peak readout right
001Ahex
H&L
[0000hex ... 7FFFhex]
16 bit two’s complement
DC level readout FM1/Ch2-L
001Bhex
H&L
[8000hex ... 7FFFhex]
16 bit two’s complement
DC level readout FM2/Ch1-R
001Chex
H&L
[8000hex ... 7FFFhex]
16 bit two’s complement
MSP hardware version code
001Ehex
H[00hex ... FFhex]
MSP major revision code
L
[00hex ... FFhex]
MSP product code
001Fhex
H[00hex ... 0Ahex]
MSP ROM version code
L
[00hex ... FFhex]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com