Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410D Datasheet(PDF) 13 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 13 Page - Micronas

Back Button MSP3410D Datasheet HTML 9Page - Micronas MSP3410D Datasheet HTML 10Page - Micronas MSP3410D Datasheet HTML 11Page - Micronas MSP3410D Datasheet HTML 12Page - Micronas MSP3410D Datasheet HTML 13Page - Micronas MSP3410D Datasheet HTML 14Page - Micronas MSP3410D Datasheet HTML 15Page - Micronas MSP3410D Datasheet HTML 16Page - Micronas MSP3410D Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
13
4.2. Analog Section
4.2.1. SCART Switching Facilities
The analog input and output sections include full matrix
switching facilities, which are shown in Fig. 4–3. To
design a TV set with four pairs of SCART inputs and
two pairs of SCART outputs, no external switching
hardware is required.
The switches are controlled by the ACB bits defined in
the audio processing interface (see section 7.3.18. on
page 47).
Fig. 4–3: SCART switching facilities (see 7.3.18.).
Switching positions show the default configuration
after power-on reset
4.2.2. Stand-by Mode
If the MSP 34x0D is switched off by first pulling
STANDBYQ low, and then disconnecting the 5 V, but
keeping the 8 V power supply (‘Stand-by’-mode), the
switches S1, S2, and S3 (see Fig. 4–3) maintain their
position and function. This facilitates the copying from
selected SCART inputs to SCART outputs in the
TV set’s stand-by mode.
In case of power-on start or starting from stand-by, the
IC switches automatically to the default configuration,
shown in Fig. 4–3. This action takes place after the
first I2C transmission into the DSP part. By transmitting
the ACB register first, the individual default setting
mode of the TV set can be defined.
4.3. DSP Section (Audio Baseband Processing)
All audio baseband functions are performed by digital
signal processing (DSP). The DSP functions are
grouped into three processing parts: input preprocess-
ing, channel source selection, and channel postpro-
cessing (see Fig. 4–5 and section 7.).
The input preprocessing is intended to prepare the
various signals of all input sources in order to form a
standardized signal at the input to the channel selec-
tor. The signals can be adjusted in volume, are pro-
cessed with the appropriate deemphasis, and are
dematrixed if necessary.
Having prepared the signals that way, the channel
selector makes it possible to distribute all possible
source signals to the desired output channels.
The ability to route in an external coprocessor for spe-
cial effects, like surround processing and sound field
processing, is of special importance. Routing can be
done with each input source and output channel via
the I2S inputs and outputs.
All input and output signals can be processed simulta-
neously with the exception that FM2 cannot be pro-
cessed at the same time as NICAM. FM identification
and adaptive deemphasis are also not possible simul-
taneously. Note, that the NICAM input signals are only
available in the MSP 3410D version.
4.3.1. Dual-Carrier FM Stereo/Bilingual Detection
For the terrestrial dual-FM carrier systems, audio infor-
mation can be transmitted in three modes: mono, ste-
reo, or bilingual. To obtain information about the current
audio operation mode, the MSP 34x0D detects the so-
called identification signal. Information is supplied via
the Stereo Detection Register to an external CCU.
Fig. 4–4: Stereo/bilingual detection
A
D
D
A
A
D
SCART_IN
SC1_IN_L/R
SC2_IN_L/R
SC3_IN_L/R
SC4_IN_L/R
MONO_IN
ACB[5,9,8]
Mute
S1
SCARTL/R
to Audio Baseband
Processing (DSP_IN)
ACB[6,11,10]
SCART_OUT
SC1_OUT_L/R
S2
ACB[7,13,12]
Mute
SC2_OUT_L/R
from Audio Baseband
Processing (DSP_OUT)
SCART1_L/R
SCART2_L/R
Mute
S3
SCART_OUT
IDENT
AM
Demodu-
lation
Stereo
Detection
Filter
Bilingual
Detection
Filter
Level
Detect
Level
Detect
−
Stereo
Detection
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com