Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410D Datasheet(PDF) 38 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 38 Page - Micronas

Back Button MSP3410D Datasheet HTML 34Page - Micronas MSP3410D Datasheet HTML 35Page - Micronas MSP3410D Datasheet HTML 36Page - Micronas MSP3410D Datasheet HTML 37Page - Micronas MSP3410D Datasheet HTML 38Page - Micronas MSP3410D Datasheet HTML 39Page - Micronas MSP3410D Datasheet HTML 40Page - Micronas MSP3410D Datasheet HTML 41Page - Micronas MSP3410D Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
38
Micronas
Prescale I2S2
0012hex
H[00hex ... 7Fhex]10hex
ACB Register (SCART Switching
Facilities and Digital Control Output
Pins)
0013hex
H/L
Bits [15...0]
00hex
Beeper
0014hex
H/L
[00hex ... 7Fhex]/[00hex ... 7Fhex]0/0
Identification Mode
0015hex
L
[B/G, M]
B/G
Prescale I2S1
0016hex
H[00hex ... 7Fhex]10hex
FM DC Notch
0017hex
L
[ON, OFF]
ON
Mode Tone Control
0020hex
H
[BASS/TREBLE, EQUALIZER]
BASS/TREB
Equalizer loudspeaker ch. band 1
0021hex
H
[+12 dB ...
−12 dB]
0 dB
Equalizer loudspeaker ch. band 2
0022hex
H
[+12 dB ...
−12 dB]
0 dB
Equalizer loudspeaker ch. band 3
0023hex
H
[+12 dB ...
−12 dB]
0 dB
Equalizer loudspeaker ch. band 4
0024hex
H
[+12 dB ...
−12 dB]
0 dB
Equalizer loudspeaker ch. band 5
0025hex
H
[+12 dB ...
−12 dB]
0 dB
Automatic Volume Correction
0029hex
H
[off, on, decay time]
off
Volume Subwoofer channel
002Chex
H
[0 dB ...
−30 dB, mute]
0 dB
Subwoofer Channel Corner Frequency
002Dhex
H
[50 Hz ... 400 Hz]
00hex
Subwoofer: Complementary High-pass
L
[off, on]
off
Balance headphone channel [L/R]
0030hex
H
[0...100 / 100% and vv][
−127...0 / 0 dB and vv]
100% /100%
Balance Mode headphone
L
[Linear mode / logarithmic mode]
linear mode
Bass headphone channel
0031hex
H
[+20 dB ...
−12 dB]
0 dB
Treble headphone channel
0032hex
H
[+15 dB ...
−12 dB]
0 dB
Loudness headphone channel
0033hex
H
[0 dB ... +17 dB]
0 dB
Loudness filter characteristic
L
[NORMAL, SUPER_BASS]
NORMAL
Volume SCART2 channel
0040hex
H[00hex ... 7Fhex],[+12 dB ... −114 dB, MUTE]
00hex
Volume / Mode SCART2 channel
L
[Linear mode / logarithmic mode]
linear mode
SCART2 channel source
0041hex
H
[FM, NICAM, SCART, I2S1, I2S2]
FM
SCART2 channel matrix
L
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
Table 7–1: DSP Write Registers; Subaddress: 12hex; if necessary, these registers are readable as well., continued
DSP Write Register
Address
High/
Low
Adjustable Range, Operational Modes
Reset Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com