Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410D Datasheet(PDF) 45 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 45 Page - Micronas

Back Button MSP3410D Datasheet HTML 41Page - Micronas MSP3410D Datasheet HTML 42Page - Micronas MSP3410D Datasheet HTML 43Page - Micronas MSP3410D Datasheet HTML 44Page - Micronas MSP3410D Datasheet HTML 45Page - Micronas MSP3410D Datasheet HTML 46Page - Micronas MSP3410D Datasheet HTML 47Page - Micronas MSP3410D Datasheet HTML 48Page - Micronas MSP3410D Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
45
7.3.9. Channel Matrix Modes
The sum/difference mode can be used together with
the quasi-peak detector to determine the sound mate-
rial mode. If the difference signal on channel B (right)
is near to zero, and the sum signal on channel A (left)
is high, the incoming audio signal is mono. If there is a
significant level on the difference signal, the incoming
audio is stereo.
7.3.10. SCART Prescale
Loudspeaker Matrix
0008hex
L
Headphone Matrix
0009hex
L
SCART1 Matrix
000Ahex
L
SCART2 Matrix
0041hex
L
I2S Matrix
000Bhex
L
Quasi-Peak
Detector Matrix
000Chex
L
SOUNDA / LEFT /
MSP-IF-CHANNEL2
0000 0000
00hex
RESET
SOUNDB / RIGHT /
MSP-IF-CHANNEL1
0001 0000
10hex
STEREO
0010 0000
20hex
MONO
0011 0000
30hex
SUM / DIFF
0100 0000
40hex
AB_XCHANGE
0101 0000
50hex
PHASE_CHANGE_B
0110 0000
60hex
PHASE_CHANGE_A
0111 0000
70hex
A_ONLY
1000 0000
80hex
B_ONLY
1001 0000
90hex
Volume Prescale
SCART
000Dhex
H
OFF
0000 0000
00hex
RESET
0 dB gain (2 VRMS input
to digital full scale)
0001 1001
19hex
+14 dB gain
(400 mVRMS input to
digital full scale)
0111 1111
7Fhex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com