Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410D Datasheet(PDF) 23 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 23 Page - Micronas

Back Button MSP3410D Datasheet HTML 19Page - Micronas MSP3410D Datasheet HTML 20Page - Micronas MSP3410D Datasheet HTML 21Page - Micronas MSP3410D Datasheet HTML 22Page - Micronas MSP3410D Datasheet HTML 23Page - Micronas MSP3410D Datasheet HTML 24Page - Micronas MSP3410D Datasheet HTML 25Page - Micronas MSP3410D Datasheet HTML 26Page - Micronas MSP3410D Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
23
6.4. Demodulator Write Registers for Short-Programming: Functions and Values
In the following, the functions of some registers are explained and their (default) values are defined:
6.4.1. Demodulator Short-Programming
Table 6–3: MSP 34x0D Demodulator Short-Programming
Demodulator Short-Programming
0020hex
TV Sound Standard
Internal Setting
Description
Code
(hex)
AD_CV2)
(see Table 6–5)
MODE_
REG2)
(see
Table 6–8)
DCO1
(MHz)
DCO2
(MHz)
FIR1/2
Coefficients
Identifica-
tion
Mode
Autodetection
0001
Detects and sets one of the standards listed below, if available. Results are to be
read out of the demodulator read register “Result of Autodetection” (section 6.6.1.)
M Dual-FM
0002
AD_CV- FM
M1
4.72421
4.5
see Table 6–11:
Terrestrial TV
Standards
Reset, then
Standard M
B/G Dual-FM
0003
AD_CV-FM
M1
5.74218
5.5
Reset, then
Standard
B/G
D/K1 Dual-FM
0004
AD_CV-FM
M1
6.25781
6.5
D/K2 Dual-FM
0005
AD_CV-FM
M1
6.74218
6.5
0006/
0007
reserved for future dual-FM standards
AUTO_
FM/AM
B/G NICAM FM
0008
AD_CV-FM
M2
5.85
5.5
see Table 6–11:
Terrestrial TV
Standards
1)
L NICAM AM
0009
AD_CV-AM
M3
5.85
6.5
I NICAM FM
000A
AD_CV-FM
M2
6.552
6.0
D/K NICAM FM
000B
AD_CV-FM
M2
5.85
6.5
>000B
reserved for future NICAM Standards
1) corresponds to the actual setting of AUTO_FM (Address = 0021
hex)
2) bits of AD_CV or MODE_REG, which are not affected by the short-programming, must be transmitted
separately if their reset status does not fit.
Note: All parameters in the DSP section (Audio Baseband Processing), except the identification mode register,
are not affected by the Demodulator Short-Programming. They still have to be defined by the control pro-
cessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com