Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410D Datasheet(PDF) 21 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 21 Page - Micronas

Back Button MSP3410D Datasheet HTML 17Page - Micronas MSP3410D Datasheet HTML 18Page - Micronas MSP3410D Datasheet HTML 19Page - Micronas MSP3410D Datasheet HTML 20Page - Micronas MSP3410D Datasheet HTML 21Page - Micronas MSP3410D Datasheet HTML 22Page - Micronas MSP3410D Datasheet HTML 23Page - Micronas MSP3410D Datasheet HTML 24Page - Micronas MSP3410D Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
21
6. Programming the Demodulator
and NICAM Decoder Section
6.1. Short-Programming and General
Programming of the Demodulator Part
The demodulator part of the MSP 34x0D can be pro-
grammed in two different modes:
1. Demodulator Short-Programming provides a com-
fortable way to set up the demodulator for many terres-
trial TV sound standards with one single I2C bus trans-
mission. The coding is listed in section 6.4.1. If a
parameter does not coincide with the individual pro-
gramming concept, it simply can be overwritten by
using the General Programming Mode. Some bits of
the registers AD_CV (see section 6.5.1. on page 25)
and MODE_REG (see section 6.5.2. on page 27) are
not affected by the short-programming. They must be
transmitted once if their reset status does not fit. The
Demodulator Short-Programming is not compatible to
MSP 3410B and MSP 3400C.
Autodetection for terrestrial TV standards is part of
the Demodulator Short-Programming. This feature
enables the detection and set-up of the actual TV
sound standard within 0.5 s. Since the detected stan-
dard is readable by the control processor, the Autode-
tection feature is mainly recommended for the primary
set-up of a TV set: after having once determined the
corresponding TV channels, their sound standards can
be stored and later on programmed by the Demodula-
tor Short-Programming (see section 6.4.1. on page 23
and section 6.6.1. on page 32).
2. General Programming ensures the software-com-
patibility to other MSPs. It offers a very flexible way to
apply all of the MSP 34x0D demodulator facilities. All
registers except 0020hex (Demodulator Short-Pro-
gramming) have to be written with values correspond-
ing to the individual requirements. For satellite applica-
tions, with their many variations, this mode must be
selected.
All transmissions on the control bus are 16 bits wide.
However, data for the demodulator part have only 8 or
12 significant bits. These data have to be inserted
LSB-bound and filled with zero bits into the 16-bit
transmission word. Table 4–1 explains how to assign
FM carriers to the MSP Sound IF channels and the
corresponding matrix modes in the audio processing
part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com