Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142-I/ST Datasheet(PDF) 20 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 16Page - Microchip Technology MCS3142-I/ST Datasheet HTML 17Page - Microchip Technology MCS3142-I/ST Datasheet HTML 18Page - Microchip Technology MCS3142-I/ST Datasheet HTML 19Page - Microchip Technology MCS3142-I/ST Datasheet HTML 20Page - Microchip Technology MCS3142-I/ST Datasheet HTML 21Page - Microchip Technology MCS3142-I/ST Datasheet HTML 22Page - Microchip Technology MCS3142-I/ST Datasheet HTML 23Page - Microchip Technology MCS3142-I/ST Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
MCS3142
DS40001747A-page 20
 2014 Microchip Technology Inc.
5.10
Code Word Format
The Ultimate KEELOQ technology code word is 192 bits
long. It comprises three sections (see Figure 5-2):
• 32 bits of the encoder’s serial number
• 128 bits of the encrypted hopping code
• 32 bits of authorization code
These segments are described in detail in the following
sections.
FIGURE 5-2:
ULTIMATE KEELOQ® CODE WORD FORMAT
5.10.1
HOPPING CODE PORTION
The hopping portion of an Ultimate KEELOQ code word
contains nearly all of the transmitted data. The
time-stamp and Button Timer ensure that each
transmission is unique.
5.10.2
FIXED CODE PORTION
The fixed, unencrypted portion of an Ultimate KEELOQ
code word consists of the encoder’s serial number.
Unlike Classic KEELOQ, there is no copy of the function
code.
5.10.3
AUTHORIZATION CODE
The 32-bit Authorization Code is appended after the
hopping portion of the code word.
5.11
Seed Word Format
The seed word is used when pairing the transmitter to
a receiver using a secure learn methodology.
FIGURE 5-3:
ULTIMATE KEELOQ® SEED WORD FORMAT
Ser ial Numbe r
Delta
Time
32 bits
Fixe d P ortion
Rev. 20-000 009A
8/29/201 3
128 bits En crypted Ho pping Code
Authori zation
Code
32 bits
Auth Portion
Sync
Counter
Battery
Functio n
Code
Low Spee d
Timestamp
Button
Timer
Resync
Counter
32-bits
24-bits
24-bits
8-bits
8-bits
32-bits
16-bits
16-bits
32-bits
Serial Number
Seed
32 bits
Fixed Portion
Rev. 20-000010A
10/2/2013
128 bit Seed
Authorization
Code
32 bits
Auth Portion
Note:
In the Seed code word, the serial number is sent as
0xFFFFFFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com