Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142-I/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 23Page - Microchip Technology MCS3142-I/ST Datasheet HTML 24Page - Microchip Technology MCS3142-I/ST Datasheet HTML 25Page - Microchip Technology MCS3142-I/ST Datasheet HTML 26Page - Microchip Technology MCS3142-I/ST Datasheet HTML 27Page - Microchip Technology MCS3142-I/ST Datasheet HTML 28Page - Microchip Technology MCS3142-I/ST Datasheet HTML 29Page - Microchip Technology MCS3142-I/ST Datasheet HTML 30Page - Microchip Technology MCS3142-I/ST Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 27
MCS3142
8.0
INTEGRATING MCS3142 INTO
A SYSTEM
FIGURE 8-1:
TYPICAL DECODER
OPERATION
8.1
Decoder Operation
The decoder waits until a transmission is received. The
received serial number is compared to the EEPROM
table of learned transmitters to first determine if this
transmitter’s use is allowed in the system. If from a
paired transmitter, the transmission is decrypted using
the stored crypt key and authenticated via the
Discrimination bits for appropriate crypt key usage. If
the decryption is valid, the synchronization value is
evaluated (see Figure 8-1).
8.2
Synchronization with a Decoder
The KEELOQ technology includes a sophisticated
synchronization technique that does not require the
calculation and storage of future codes. The technique
securely blocks invalid transmission while providing
transparent
resynchronization
to
transmitters
inadvertently activated away from the receiver.
Figure 8-2
shows
a
three-partition,
rotating
Synchronization window. The size of each window is
optional but the technique is fundamental. Each time a
transmission is authenticated, the intended function is
executed and the transmission’s synchronization
counter value is stored in EEPROM. From the currently
stored counter value there is an initial Single Operation
Forward window of 16 codes. If the difference between
a received synchronization counter and the last stored
counter is within 16, the intended function will be
executed on a single button press and the new
synchronization counter will be stored. Storing the new
synchronization counter value effectively rotates the
entire Synchronization window.
A Double Operation (Resynchronization) window
further exists from the Single Operation window up to
32K code forward of the currently stored counter value.
It is referred to as Double Operation because a
transmission with a synchronization counter in this
window will require an additional, sequential counter
transmission prior to executing the intended function.
Upon receiving the sequential transmission the
decoder executes the intended function and stores the
synchronization counter value. This resynchronization
occurs transparently to the user, as it is human nature
to press the button a second time if the first was
unsuccessful.
The third window is a Blocked window ranging from the
Double Operation window to the currently stored
synchronization counter value. Any transmission with
synchronization counter value within this window will
be ignored. This window excludes previously used
code-grabbed transmissions from accessing the
system.
Rev. 20-000013A
1/29/2014
Start
Does
Serial
Number
Match?
Transmission
Received?
Is Counter
Within 16?
Is Counter
Within 32K?
Decrypt Transmission
Is
Decryption
Valid?
Save Counter in
Temporary Location
Execute
Command and
Update Counter
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
Note:
The synchronization method described in
this section is an exemplar method. It may
be altered to fit the needs and capabilities
of a particular system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com