Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142-I/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 14Page - Microchip Technology MCS3142-I/ST Datasheet HTML 15Page - Microchip Technology MCS3142-I/ST Datasheet HTML 16Page - Microchip Technology MCS3142-I/ST Datasheet HTML 17Page - Microchip Technology MCS3142-I/ST Datasheet HTML 18Page - Microchip Technology MCS3142-I/ST Datasheet HTML 19Page - Microchip Technology MCS3142-I/ST Datasheet HTML 20Page - Microchip Technology MCS3142-I/ST Datasheet HTML 21Page - Microchip Technology MCS3142-I/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
MCS3142
DS40001747A-page 18
 2014 Microchip Technology Inc.
5.0
ULTIMATE KEELOQ
TECHNOLOGY OPERATION
5.1
Synchronization Counter
The
synchronization
counter
is
an
always-incrementing,
event-based
counter.
The
counter is incremented whenever a new button
combination is registered and a new code word is
prepared.
For increased security, the synchronization counter will
not overflow. The device will cease operating when the
counter reaches its maximum value.
The initial value of the synchronization counter may be
set via the Synchronization Counter Initial Value
registers (see Table 3-21).
5.2
Encoder Time-Stamp
MCS3142 requires an external 31.768 kHz oscillator
connected to the secondary oscillator drive pins of the
internal timer. This timer is used to track the passage of
time over the lifetime of the encoder. Each Ultimate
KEELOQ
transmission
includes
this
time
with
quarter-second resolution (i.e., each count represents
one quarter of a second).
The initial value of the timer may be set at programming
time via the Timer Initial Value registers, described in
Table 3-24.
5.3
Function Code
The function code is a bitmapped representation of the
state of each button on the transmitter. States are
active-high.
5.4
Battery Level and Low Battery
Flag
Each Ultimate KEELOQ transmission contains a battery
level indicator byte. It includes a 7-bit digital
representation of the battery level and a 1-bit low
battery flag. The battery level is captured by measuring
an on-board 1.024V source using the battery as
reference. The low battery flag is high whenever the
measured battery voltage is estimated to be below
2.5V. Equation 5-1 converts the reference value into a
voltage.
EQUATION 5-1:
5.5
Button Press Timer
The button press timer is a high-resolution timer
representing the duration of the current button press at
the time the code word was prepared. Each count
represents 50 ms of time. It resets whenever a new
button combination is registered.
5.6
Delta Time
The delta time represents the elapsed time since the
previous code word was sent. The timer increments
every second.
5.7
Reset Counter
The Reset counter is an always-incrementing counter
representing the number of Power-on Reset events
experienced by the device. It is intended to be used by
the receiver as an indication that the transmitter has
been without power and that there will be a discrepancy
in the time-stamp.
For increased security, the Reset counter will not
overflow. The device will cease operating when the
counter reaches its maximum value.
The initial value of the Reset counter may be set using
the Reset Counter Configuration registers, described in
Table 3-23.
TABLE 5-1:
ULTIMATE KEELOQ®
FUNCTION CODE
TRANSLATION
Button
Function Code
S0
xxx1
S1
xx1x
S2
x1xx
S3
1xxx
VBAT
1.024 2
7
BATT
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com