Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142-I/ST Datasheet(PDF) 23 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 19Page - Microchip Technology MCS3142-I/ST Datasheet HTML 20Page - Microchip Technology MCS3142-I/ST Datasheet HTML 21Page - Microchip Technology MCS3142-I/ST Datasheet HTML 22Page - Microchip Technology MCS3142-I/ST Datasheet HTML 23Page - Microchip Technology MCS3142-I/ST Datasheet HTML 24Page - Microchip Technology MCS3142-I/ST Datasheet HTML 25Page - Microchip Technology MCS3142-I/ST Datasheet HTML 26Page - Microchip Technology MCS3142-I/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 23
MCS3142
6.4
Center Frequency and Frequency
Deviation
The RF transmitter is capable of generating many of
the popular RF frequencies that are permitted within
the radio regulations of the country the finished product
will be sold. The RF frequency configuration is
performed by selecting the frequency band, the
reference crystal frequency and the frequency value to
be stored in the Encoder Frequency Configuration
register. If FSK modulation is used, the frequency
deviation is set in the Transmitter Configuration
register.
Unlike other configuration options, the two encoders of
the MCS3142 device share the same frequency
configuration, which is shown in Table 3-18. Frequency
deviation is individually configurable. See Table 3-7
and Table 3-15 for the Classic KEELOQ and Ultimate
KEELOQ encoders, respectively.
6.4.1
BAND SELECTION
The Band bit in the Transmitter Configuration register
configures the RF transmitter for a range of frequencies
for a given crystal frequency, as shown in Table 6-2. The
Transmitter Configuration registers are shown in Table 3-
7 for the Classic KEELOQ encoder and Table 3-15 for the
Ultimate KEELOQ encoder.
Although each encoder has its own band selection
configuration, the requirements of proper antenna
tuning and the inability to configure the fundamental
frequency per encoder will likely require that this setting
be identical for both encoders.
The reference crystal frequency tolerance and
frequency stability over the operating temperature
range depend on the system frequency budget.
Typically, the receiver crystal frequency tolerance,
stability and receiver bandwidth will have the greatest
influence. For OOK modulation, the transmitted RF
signal should remain inside the receiver bandwidth,
otherwise signal degradation will occur. For FSK
modulation, fRF should remain inside the receiver
bandwidth and within 0.5 fDEV.
As a general practice, do not choose an RF transmit
signal with an integer or near integer multiple of fXTAL.
This will result in higher noise and spurious emissions.
TABLE 6-2:
FREQUENCY CALCULATION(1)
Reference Oscillator
(fREF)
Band
Frequency Range
(fRF)
fRF Equation
fDEV Equation
22 MHz
0
310-450 MHz
24 MHz
312-450 MHz
26 MHz
338-450 MHz
1
860-928 MHz
Note 1:
212992 < DF < 344064 and 10 kHz
 fDEV  200kHz.
DF
2
14 fRF
fREF
-----------
=
DA
2
14fDEV
fREF
-----------
=
DF
2
13 fRF
fREF
-----------
=
DA
2
13fDEV
fREF
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com