Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142-I/ST Datasheet(PDF) 29 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 25Page - Microchip Technology MCS3142-I/ST Datasheet HTML 26Page - Microchip Technology MCS3142-I/ST Datasheet HTML 27Page - Microchip Technology MCS3142-I/ST Datasheet HTML 28Page - Microchip Technology MCS3142-I/ST Datasheet HTML 29Page - Microchip Technology MCS3142-I/ST Datasheet HTML 30Page - Microchip Technology MCS3142-I/ST Datasheet HTML 31Page - Microchip Technology MCS3142-I/ST Datasheet HTML 32Page - Microchip Technology MCS3142-I/ST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 29
MCS3142
9.0
ELECTRICAL SPECIFICATIONS
9.1
Absolute Maximum Ratings(†)
Ambient temperature under bias........................................................................................................ -40°C to +85°C
Storage temperature ........................................................................................................................ -55°C to +150°C
Voltage on pins with respect to VSS
on VDD pin ................................................................................................................................... -0.3V to +4V
on all other pins ............................................................................................................ -0.3V to (VDD + 0.3V)
Maximum current
on any output pin ................................................................................................................................
25 mA
9.2
Standard Operating Conditions
The standard operating conditions for any device are defined as:
Operating Voltage:
VDDMIN
VDD VDDMAX
Operating Temperature:
TA_MIN
TA TA_MAX
VDD — Operating Supply Voltage
VDDMIN ................................................................................................................................................... +1.8V
VDDMAX .................................................................................................................................................. +3.6V
TA — Operating Ambient Temperature Range
TA_MIN .................................................................................................................................................... -40°C
TA_MAX................................................................................................................................................... +85°C
IDD — Supply Current
At 315 MHz, +10 dBm, FSK, typical(1) ................................................................................................ +15 mA
At 315 MHz, +10 dBm, OOK, typical(1) ............................................................................................... +11 mA
At 315 MHz, +0 dBm, FSK, typical(1) .................................................................................................... +9 mA
At 915 MHz, +10 dBm, FSK, typical(1) ............................................................................................. +17.5 mA
At 915 MHz, +0 dBm, FSK, typical(1) ............................................................................................... +10.5 mA
IPD — Standby Current
VDD = 3 V, typical(1)............................................................................................................................. +2.3 µA
VDD = 3 V, maximum.............................................................................................................................. +4 µA
VIH — Input High Voltage, minimum.............................................................................................. 0.25 VDD + 0.8V
VIL — Input Low Voltage, maximum .......................................................................................................... 0.15 VDD
VOH — Output High Voltage
IOH = 3 mA, VDD = 3.3V, minimum ..................................................................................................VDD – 0.7V
VOL — Output Low Voltage
IOL = 6 mA, VDD = 3.3V, maximum ......................................................................................................... +0.6V
ILED — LED Sink Current, maximum .......................................................................................................... +25 mA
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.
Note 1:
Typical values are at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com