Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142-I/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 1 Page - Microchip Technology

  MCS3142-I/ST Datasheet HTML 1Page - Microchip Technology MCS3142-I/ST Datasheet HTML 2Page - Microchip Technology MCS3142-I/ST Datasheet HTML 3Page - Microchip Technology MCS3142-I/ST Datasheet HTML 4Page - Microchip Technology MCS3142-I/ST Datasheet HTML 5Page - Microchip Technology MCS3142-I/ST Datasheet HTML 6Page - Microchip Technology MCS3142-I/ST Datasheet HTML 7Page - Microchip Technology MCS3142-I/ST Datasheet HTML 8Page - Microchip Technology MCS3142-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 1
MCS3142
Features Overview:
SECURITY
•Ultimate KEELOQ® Technology:
- Programmable 32-bit serial number
- AES-128 block cipher
- Programmable 128-bit crypt key
- Timekeeping based on external 32.768 kHz
crystal
- 192-bit transmission code length:
- 32-bit unencrypted portion
- 128-bit encrypted, hopping code portion
- 32-bit authorization check
•Classic KEELOQ Technology:
- Programmable 28-bit serial number
- Data based on Classic KEELOQ Technology:
-KEELOQ technology 32-bit block cipher
- Programmable 64-bit crypt key
-KEELOQ technology secure learn
- Programmable 60-bit seed value
- 66-bit transmission code length:
- 34-bit unencrypted portion
- 32-bit encrypted, hopping code portion
• Operating Features:
- 1.8 to 3.6V operation
- Four switch inputs
- 15 functions available
- Configurable button modes
- One active-low LED drive
- Configurable minimum code word completion
•RF:
- Configurable bit rate
- Configurable modulation, supporting FSK
and OOK
- Configurable data modulation, supporting
PWM and Manchester
•Other:
- Button inputs have internal pull-up resistors
- LED output
Typical Applications:
MCS3142 is ideal for Remote Keyless Entry (RKE)
applications. These applications include:
• Automotive RKE Systems
• Automotive Alarm Systems
• Gate and Garage Door Openers
• Home Security Systems
• Security and Safety Sensors
• Remote Control
• Remote Keypad
• Wireless Sensors
Package Type:
• 20-pin TSSOP
FIGURE 1:
20-PIN TSSOP
1
2
3
4
20
19
18
17
5
6
7
16
15
14
VDD
SOSCI
SOSCO
SW3
PGC
PGD
VSS
VSS
SW0
SW1
SW2
LED
DATA_OUT
CTRL_OUT
8
9
10
13
12
11
VDD
CTRL_IN
RFOUT
XTAL
DATA_IN
VSS
MCS3142 Dual KEELOQ® Technology Encoder Data Sheet


Similar Part No. - MCS3142-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCS3142 MICROCHIP-MCS3142 Datasheet
2Mb / 57P
MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
10/28/13
More results

Similar Description - MCS3142-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS362 MICROCHIP-HCS362_11 Datasheet
867Kb / 46P
KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
MCS3142 MICROCHIP-MCS3142 Datasheet
2Mb / 57P
MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
10/28/13
MCS3122 MICROCHIP-MCS3122 Datasheet
416Kb / 26P
MCS3122 Advanced KEELOQ짰 Technology Encoder Data Sheet
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com