Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142-I/ST Datasheet(PDF) 21 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 17Page - Microchip Technology MCS3142-I/ST Datasheet HTML 18Page - Microchip Technology MCS3142-I/ST Datasheet HTML 19Page - Microchip Technology MCS3142-I/ST Datasheet HTML 20Page - Microchip Technology MCS3142-I/ST Datasheet HTML 21Page - Microchip Technology MCS3142-I/ST Datasheet HTML 22Page - Microchip Technology MCS3142-I/ST Datasheet HTML 23Page - Microchip Technology MCS3142-I/ST Datasheet HTML 24Page - Microchip Technology MCS3142-I/ST Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 21
MCS3142
6.0
TRANSMITTER OPERATION
6.1
Data Modulation Format and Baud
Rate
A transmission is made of up several code words. Each
code word contains a preamble, header and data. A
code word is separated from another code word by
guard time.
All timing specifications for the modulation formats are
based on a basic Time Element, described as TE. See
Section 6.2 “Baud Rate” for details on baud rate
calculation. This timing element can be set to a wide
range of values. The length of the preamble, header
and guard is fixed.
The data modulation format is selected for each
encoder. See Table 3-6 for the Classic KEELOQ
encoder and Table 3-14 for Ultimate KEELOQ encoder.
FIGURE 6-1:
PWM TRANSMISSION FORMAT
FIGURE 6-2:
MANCHESTER TRANSMISSION FORMAT
116
31 TE Pre amb le
3-10 TE
Heade r
Encrypted Portion
Fixe d Cod e P orti on
Gua rd
Time
TE
TE
TE
TBP
Logic ‘0’
Logic ‘1’
Rev. 20-000 003A
8/29/201 3
116
Pre amb le
Encrypted Portion
Fixe d Cod e P orti on
Gua rd
Time
TE
TE
TBP
Logic ‘0’
Logic ‘1’
2
Heade r
bit 1
bit 0
bit 2
START bit
STOP bit
Rev. 20-000 004A
8/29/201 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com