Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF682ANY-EB Datasheet(PDF) 7 Page - OPTREX CORPORATION

Part # DMF682ANY-EB
Description  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF682ANY-EB Datasheet(HTML) 7 Page - OPTREX CORPORATION

Back Button DMF682ANY-EB Datasheet HTML 3Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 4Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 5Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 6Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 7Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 8Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 9Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 10Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 11Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DMF682ANY-EB
(AF)
No.2000-0057
OPTREX CORPORATION
Page 7/18
OPTREX
2.7.Lighting Specifications
2.7.1.Absolute Maximum Rating
Ta=25℃
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage
450Hz
-
-
150
Vrms
Input Frequency
AC100Vrms
-
-
800
Hz
2.7.2.Operating Characteristics
Ta=25℃
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage
-
-
100
-
Vrms
Input Frequency
-
-
400
-
Hz
Current
AC100Vrms, 400Hz
-
2.9
4.0
mA
Life
AC100Vrms, 400Hz
Ta=20℃, 60%RH
2000
-
-
hrs
Recommended Inverter : NS-106 ( DC 5.0V±10%, Produced by NEC )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com