Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF682ANY-EB Datasheet(PDF) 12 Page - OPTREX CORPORATION

Part # DMF682ANY-EB
Description  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF682ANY-EB Datasheet(HTML) 12 Page - OPTREX CORPORATION

Back Button DMF682ANY-EB Datasheet HTML 8Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 9Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 10Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 11Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 12Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 13Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 14Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 15Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 16Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DMF682ANY-EB
(AF)
No.2000-0057
OPTREX CORPORATION
Page 12/18
OPTREX
5.Test
No change on display and in operation under the following test condition.
No.
Parameter
Conditions
Notes
1
High Temperature Operating
50℃±2℃, 96hrs (operation state)
2
Low Temperature Operating
0℃±2℃, 96hrs (operation state)
3
3
High Temperature Storage
60℃±2℃, 96hrs
4
4
Low Temperature Storage
-20℃±2℃, 96hrs
3, 4
5
Damp Proof Test
40℃±2℃, 90~95%RH, 96hrs
3, 4
6
Vibration Test
Total fixed amplitude : 1.5mm
5
Vibration Frequency : 10~55Hz
One cycle 60 seconds to 3 directions of X, Y, Z for
each 15 minutes
7
Shock Test
To be measured after dropping from 60cm high on
the concrete surface in packing state.
Note 1 : Unless otherwise specified, tests will be conducted under the following condition.
Temperature : 20±5℃
Humidity
: 65±5%
Note 2 : Unless otherwise specified, tests will be not conducted under functioning state.
Note 3 : No dew condensation to be observed.
Note 4 : The function test shall be conducted after 4 hours storage at the normal temperature and humidity
after removed from the test chamber.
Note 5 : Vibration test will be conducted to the product itself without putting it in a container.
E
A
G
D
C
F
60cm
Concrete Surface
Dropping method corner dropping
E,F,G face : once
B,C,D edge : once
A corner : once
Face dropping
Edge dropping
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com