Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF682ANY-EB Datasheet(PDF) 9 Page - OPTREX CORPORATION

Part # DMF682ANY-EB
Description  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF682ANY-EB Datasheet(HTML) 9 Page - OPTREX CORPORATION

Back Button DMF682ANY-EB Datasheet HTML 5Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 6Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 7Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 8Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 9Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 10Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 11Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 12Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 13Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DMF682ANY-EB
(AF)
No.2000-0057
OPTREX CORPORATION
Page 9/18
OPTREX
3.3.Definition of Viewing Angle and Optimum Viewing Area
・Point ● shows the point where contrast ratio is measured. : θ= 0 ゚, φ=-゚
・Driving condition : 1/64 Duty, 1/8.8 Bias, VD=13.1V, fF=70Hz
・Area
shows typ. CR≧2
3.4.System Block Diagram
270 ゚
0 ゚
90 ゚
180 ゚
270 ゚
θ
φ
135 ゚
315 ゚
225 ゚
45 ゚
180 ゚
90 ゚
(φ= 0 ゚)
φ
10 20 30 40 50
θ
φ
Halogen bulb
Computer
Rotation Table (θ,φ)
Temperature Chamber
LCD
Optical Fiber
Waveform Generator
Control Unit &
#1980A WB
Photometer
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com