Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF682ANY-EB Datasheet(PDF) 10 Page - OPTREX CORPORATION

Part # DMF682ANY-EB
Description  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF682ANY-EB Datasheet(HTML) 10 Page - OPTREX CORPORATION

Back Button DMF682ANY-EB Datasheet HTML 6Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 7Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 8Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 9Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 10Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 11Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 12Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 13Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 14Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DMF682ANY-EB
(AF)
No.2000-0057
OPTREX CORPORATION
Page 10/18
OPTREX
4.I/O Terminal
4.1.Pin Assignment
No.
Symbol
Level
Function
1
VDD
―
Power Supply for Logic
2
VSS
―
Power Supply (0V, GND)
3
VEE
―
Power Supply for LCD Drive
4
LP
H / L
Data Latch Signal
5
M
H / L
Alternate Signal for LCD Drive
6
DISPOFF
H / L
Display Control Signal
H : Display on
L : Display off
7
NC
-
Non-connection
8
FLM
H / L
First Line Marker
9
CP
H / L
Clock Signal for Shifting Data
10
NC
-
Non-connection
11
D0
H / L
Display Data
12
D1
H / L
Display Data
13
D2
H / L
Display Data
14
D3
H / L
Display Data
15
EL
-
Power Supply for EL
16
EL
-
Power Supply for EL
4.2.Example of Power Supply
It is recommended to apply a potentiometer for the contrast adjust due to the tolerance
of the driving voltage and its temperature dependence.
VSS
MODULE
VEE
VDD
VEE (-Voltage)
VDD (+Voltage)
Tr=2SA1202 or equivalent
R1+R2+VR=10~20KΩ
VSS (0V)
R2
R1
VR
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com