Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF682ANY-EB Datasheet(PDF) 8 Page - OPTREX CORPORATION

Part # DMF682ANY-EB
Description  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF682ANY-EB Datasheet(HTML) 8 Page - OPTREX CORPORATION

Back Button DMF682ANY-EB Datasheet HTML 4Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 5Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 6Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 7Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 8Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 9Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 10Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 11Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 12Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DMF682ANY-EB
(AF)
No.2000-0057
OPTREX CORPORATION
Page 8/18
OPTREX
3.Optical Specif ications
3.1.LCD Driving Voltage
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Recommended
Ta= 0℃
-
-
15.4
V
LCD Driving Voltage
VDD-VEE
Ta=25℃
12.2
13.1
14.0
V
Note 1
Ta=50℃
10.4
-
-
V
Note 1 :
Voltage (Applied actual waveform to LCD Module) for the best contrast. The range of
minimum and maximum shows tolerance of the operating voltage. The specified contrast ratio and
response time are not guaranteed over the entire range.
3.2.Optical Characteristics
Ta=25℃, 1/64 Duty, 1/8.8 Bias, VD=13.1V (Note 4), θ= 0 ゚, φ=-゚
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Contrast Ratio
Note 1
CR
θ= 0 ゚, φ=-゚
-
7
-
Viewing Angle
Shown in 3.3
Response
Rise
Note 2
TON
-
-
140
210
ms
Time
Decay Note 3
TOFF
-
-
180
270
ms
Note 1 : Contrast ratio is definded as follows.
CR = LOFF / LON
LON : Luminance of the ON segments
LOFF : Luminance of the OFF segments
Note 2 : The time that the luminance level reaches 90% of the saturation level from 0% when ON
signal is applied.
Note 3 : The time that the luminance level reaches 10% of the saturation level from 100% when OFF
signal is applied.
Note 4 : Definition of Driving Voltage VD
Assuming that the typical driving waveforms shown below are applied to the LCD Panel at
1/A Duty - 1/B Bias ( A : Duty Number, B : Bias Number ). Driving voltage VD is definded
as follows.
VD = (Vth1+Vth2) / 2
Vth1 : The voltage VO-P that should provide 50% of the saturation level in the luminance at
the segment which the ON signal is applied to.
Vth2 : The voltage VO-P that should provide 50% of the saturation level in the luminance at
the segment which the OFF signal is applied to.
VO-P
1 /
fF
( B-2 )×VO-P / B
1 / (
fF×A )
〈OFF SIGNAL〉
〈ON SIGNAL〉



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com