Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF682ANY-EB Datasheet(PDF) 17 Page - OPTREX CORPORATION

Part # DMF682ANY-EB
Description  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF682ANY-EB Datasheet(HTML) 17 Page - OPTREX CORPORATION

Back Button DMF682ANY-EB Datasheet HTML 10Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 11Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 12Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 13Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 14Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 15Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 16Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 17Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 18Page - OPTREX CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DMF682ANY-EB
(AF)
No.2000-0057
OPTREX CORPORATION
Page 17/18
OPTREX
10.Precautions Relating Product Handling
The Following precautions will guide you in handling our product correctly.
1) Liquid crystal display devices
① The liquid crystal display device panel used in the liquid crystal display module is made of plate
glass. Avoid any strong mechanical shock. Should the glass break handle it with care.
② The polarizer adhering to the surface of the LCD is made of a soft material.
Guard against scratching it.
2) Care of the liquid crystal display module against static electricity discharge.
① When working with the module, be sure to ground your body and any electrical equipment you may
be using. We strongly recommend the use of anti static mats ( made of rubber ), to protect work
tables against the hazards of electrical shock.
② Avoid the use of work clothing made of synthetic fibers. We recommend cotton clothing or other
conductivity-treated fibers.
③ Slowly and carefully remove the protective film from the LCD module, since this operation can
generate static electricity.
3) When the LCD module alone must be stored for long periods of time:
① Protect the modules from high temperature and humidity.
② Keep the modules out of direct sunlight or direct exposure to ultraviolet rays.
③ Protect the modules from excessive external forces.
4) Use the module with a power supply that is equipped with an overcurrent protector circuit,
since the module is not provided with this protective feature.
5) Do not ingest the LCD fluid itself should it leak out of a damaged LCD module. Should hands
or clothing come in contact with LCD fluid, wash immediately with soap.
6) Conduc1tivity is not guaranteed for models that use metal holders where solder connections
between the metal holder and the PCB are not used. Please contact us to discuss appropriate
ways to assure conductivity.
7) For models which use CFL:
① High voltage of 1000V or greater is applied to the CFL cable connector area.
Care should be taken not to touch connection areas to avoid burns.
② Protect CFL cables from rubbing against the unit and thus causing the wire jacket to become worn.
③The use of CFLs for extended periods of time at low temperatures will significantly shorten their
service life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com