Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF682ANY-EB Datasheet(PDF) 15 Page - OPTREX CORPORATION

Part # DMF682ANY-EB
Description  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF682ANY-EB Datasheet(HTML) 15 Page - OPTREX CORPORATION

Back Button DMF682ANY-EB Datasheet HTML 10Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 11Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 12Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 13Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 14Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 15Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 16Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 17Page - OPTREX CORPORATION DMF682ANY-EB Datasheet HTML 18Page - OPTREX CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DMF682ANY-EB
(AF)
No.2000-0057
OPTREX CORPORATION
Page 15/18
OPTREX
No.
Parameter
Criteria
3
The Shape of Dot
(1) Dot Shape (with Dent)
As per the sketch of left hand.
(2) Dot Shape (with Projection)
Should not be connected to next dot.
(3) Pin Hole
(X+Y) / 2≦0.2mm
(Less than 0.1mm is no counted.)
(4) Deformation
(X+Y) / 2≦0.2mm
Total acceptable number : 1/dot, 5/cell
(Defect number of (4) : 1pc.)
4
Polarizer Scratches
Not to be conspicuous defects.
5
Polarizer Dirts
If the stains are removed easily from LCDP surface, the module is not
defective.
6
Complex Foreign
Black spots, line shaped foreign substances or air bubbles between
Substance Defects
glass & polarizer should be 5pcs maximum in total.
7
Distance between
D≦0.2 : 20mm or more
Different Foreign
0.2<D : 40mm or more
Substance Defects
0.15≧
Y
X
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com