Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56D-USB Datasheet(PDF) 6 Page - Synaptics Incorporated.

Part # RC56D-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56D-USB Datasheet(HTML) 6 Page - Synaptics Incorporated.

Back Button RC56D-USB Datasheet HTML 2Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 3Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 4Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 5Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 9Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 10Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5&'86%
,QWHJUDWHG9.IOH[0RGHP'HYLFH6HWVZLWK86%,QWHUIDFH

0'
Table 2. R8292 68-Pin PLCC Pin Signal Descriptions (Cont’d)
Signal Name
Type
Description
VCC
PWR
Supply Voltage. Connect this pin to the +5v supply voltage.
VSS
GND
Circuit Ground. Connect this pin to ground.
WR#
O
Write. Write signal output to external memory.
XTAL1
I
Oscillator Amplifier Input. When implementing the on-chip oscillator, connect the external crystal or
ceramic resonator across XTAL1 and XTAL2. If an external clock source is used, connect it to this pin.
XTAL2
O
Oscillator Amplifier Output. When implementing the on-chip oscillator, connect the external crystal or
ceramic resonator across XTAL1 and XTAL2. If an external oscillator is used, leave XTAL2 unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com