Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56D-USB Datasheet(PDF) 3 Page - Synaptics Incorporated.

Part # RC56D-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56D-USB Datasheet(HTML) 3 Page - Synaptics Incorporated.

  RC56D-USB Datasheet HTML 1Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 2Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 3Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 4Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 5Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
,QWHJUDWHG9.IOH[0RGHP'HYLFH6HWVZLWK86%,QWHUIDFH
5&'86%
0'

System Architecture
Hardware Interface
A system block diagram is shown in Figure 1.
The major interface signals are shown in Figure 2.
MD234F1 BD
TELEPHONE
LINE/
TELEPHONE
HANDSET/
AUDIO
INTERFACE
CIRCUIT
TELEPHONE
LINE
TEL HANDSET
MICROPHONE
HEADPHONE/
SPEAKER
MODEM DEVICE SET
MICRO
CONTROLLER
UNIT
(MCU)
[80-PIN PQFP]
(L2800)
MODEM
DATA PUMP
(MDP)
[100-PIN PQFP]
(R6764)
USB
CONTROLLER
UNIT
(UCU)
[68-PIN PLCC]
(R8292/
80931AA)
1M (128K x 8)
RAM
2M (256K x 8)
ROM/FLASH ROM
32K x 8
ROM
USB
INTERFACE
Figure 1. Block Diagram
MICRO
CONTROLLER
UNIT
(MCU)
MD234F2 IF
MODEM
DATA
PUMP
(MDP)
RS0-RS4
~CS
EXTERNAL
BUS
RIN
TXA1
TXA2
TELIN*
TELOUT*
SPKM
MICV*
MICM**
~RINGWAKE
~RLY1 (~OH)
~RLY2 (~VOICE)
~RLY3 (~MUTE)
~RLY4 (~CALLID)
~EXTOH
LCS
RINGD
VD3.3
CLKOUT
~WKRESOUT
DPIRQ
~READ
~WRITE
A0-A17
D0-D7
~DPSEL
~ROMSEL
~RAMSEL
~READ
~WRITE
A0-A4
D0-D7
~DPSEL
TELEPHONE
LINE
TELEPHONE
HANDSET
MICROPHONE
TELEPHONE
LINE/
TELEPHONE
HANDSET/
AUDIO
INTERFACE
CIRCUIT
HEADPHONE/
SPEAKER
~RES1
~RES2
2M (256K X 8)
ROM/
FLASH ROM
A0-A16
D0-D7
~READ
~WRITE
~RAMSEL
1M (128K X 8)
RAM
A0-A17
D0-D7
~READ
~WRITE
~ROMSEL
VGG
AVDD
VAA
DGND, AGND
SVCC (+5V)
SVCC (+5V)
SVCC (+5V)
VCC
~RESET
A0-A2
D0-D7
A0-A15
D0-D7
32K X 8
ROM
USB
CONTROLLER
UNIT
(UCU)
USB
A0-A15
D0-D7
~READ
D+
D-
VDD
SVCC (+5V)
DGND
CRYSTAL
CIRCUIT
XTAL1
XTAL2
SVCC
VDD
CLKIN
~WKRES
IRQ
CRYSTAL
CIRCUIT
XTLI
XTLO
* SP MODEL.
** NON-SP MODEL.
Figure 2. Hardware Interface Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com