Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56D-USB Datasheet(PDF) 13 Page - Synaptics Incorporated.

Part # RC56D-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56D-USB Datasheet(HTML) 13 Page - Synaptics Incorporated.

Back Button RC56D-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 9Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 10Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 11Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 12Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 13Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 14Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
,QWHJUDWHG9.IOH[0RGHP'HYLFH6HWVZLWK86%,QWHUIDFH
5&'86%
0'

Design Considerations
In addition to the design considerations found in the RC56D/RC336D Designer’s Guide (Order No. 1154), the following should
be taken into account when designing a USB solution.
Series Resistor Requirement for Impedance Matching
Per USB rev. 1.0 specification, the impedance of the differential driver must be between 29
Ω and 33 Ω should be connected
to each USB line; i.e., on D
P0 and DM0. If the USB line is improperly terminated or not matched, then signal quality will suffer.
This condition can be seen on an oscilloscope as excessive overshoot and undershoot, and will introduce errors and lower
throughput.
Pullup Resistor Requirement
The USB specification requires a pullup resistor to allow the host to identify which devices are low speed and which devices
are high speed in order to communicate at the appropriate data rate. For R8292, add a 1.5K
Ω pullup to 3.0V – 3.6V, such as
pin 53 (ECAP). These pullup resistors should be placed as close to the R8292 as possible. If ECAP is used, a 1 µF capacitor
should be connected between ECAP and GND.
Noise Considerations
The R8292 high-speed logic can produce noise spikes on power and signal lines. Decoupling capacitors and transient
absorbers will keep noise to a minimum. Connect 0.1µF bypass caps between VCC/AVCC and each VSS pin.
Noise spikes on XTAL1 and XTAL2 can disrupt the timing of the R8292. Place the crystal and capacitors near the device and
connect with short, direct traces. This will help minimize coupling between other digital circuits and the crystal. Additionally,
place guard rings around the oscillator circuitry and ground the metal crystal case.
Power-on Reset
To automatically generate a reset when power is applied, connect the RST pin to VCC through a 0.33 µF capacitor. When
VCC is applied, the RST pin rises to VCC, and does not decay below the threshold before the crystal stabilizes, plus two
machine cycles.
Excessive LED Current
Pins LED3:0 (36, 37, 43, 44) were designed to drive LEDs connected directly to VCC. The LED driver is too strong, causing
the device to sink excessive current. When all of the LED drivers are turned on at the same time, the current sinking
capability of the device will be exceeded, causing excessive heating and reducing reliability of the device. By using a 250
Ω
resistor in series with each LED, to avoid this problem.
Electrical Characteristics and Timing
For R8292 electrical characteristics and timing information, refer to Intel “8x931AA/8x931HA Universal Serial Bus Peripheral
Controllers”, Order Number: 273108-002.
R8292 power consumption is 70 mA active and 40 mA idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com