Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56D-USB Datasheet(PDF) 11 Page - Synaptics Incorporated.

Part # RC56D-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56D-USB Datasheet(HTML) 11 Page - Synaptics Incorporated.

Back Button RC56D-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 9Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 10Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 11Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 12Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 13Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 14Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
,QWHJUDWHG9.IOH[0RGHP'HYLFH6HWVZLWK86%,QWHUIDFH
5&'86%
0'

Endpoint Descriptor
Each endpoint used for an interface has its own descriptor, which contains the information required by the host to determine
the bandwidth requirements of each endpoint (see Table 6). An endpoint descriptor, like an Interface Descriptor, is always
returned as part of a configuration descriptor. The default values are:
Bulk In 1:
07058102100000
Bulk Out 1:
07050102100000
Bulk In 2:
07058203080064
Bulk Out 2:
07050202080000
Table 6. Endpoint Descriptors
Offset
Field
Size
Value
Description
0
bLength
1
Number
Size of this descriptor in bytes.
1
bDescriptorType
1
Constant
ENDPOINT Descriptor Type.
2
bEndpointAddress
1
Endpoint
The address of the endpoint on the USB device described by this
descriptor. The address is encoded as follows:
Bit 0..3: The endpoint number
Bit 4..6: Reserved, reset to 0
Bit 7:
Direction, ignored for control endpoints
0
OUT endpoint
1
IN endpoint
3
bmAttributes
1
Bit Map
This field describes the endpoint’s attributes when it is configured using
the bConfigurationValue.
Bit 0..1: Transfer Type
00
Control
01
Isochronous
10
Bulk
11
Interrupt
All other bits are reserved
4
wMaxPacketSize
2
Number
Maximum packet size this endpoint is capable of sending or receiving
when this configuration is selected.
For isochronous endpoints, this value is used to reserve the bus time in
the schedule, required for the per frame data payloads. The pipe may,
on an ongoing basis, actually use less bandwidth than that reserved.
The device reports, if necessary, the actual bandwidth used via its
normal, non-USB defined mechanisms.
For interrupt, bulk, and control endpoints smaller data payloads may be
sent, but will terminate the transfer and may or may not require
intervention to restart. Refer to Chapter 5 for more information.
6
bInterval
1
Number
Interval for polling endpoint for data transfers. Expressed in
milliseconds.
This field is ignored for bulk and control endpoints. For isochronous
endpoints this field must be set to 1. For interrupt endpoints, this field
may range from 1 to 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com