Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56D-USB Datasheet(PDF) 9 Page - Synaptics Incorporated.

Part # RC56D-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56D-USB Datasheet(HTML) 9 Page - Synaptics Incorporated.

Back Button RC56D-USB Datasheet HTML 5Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 9Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 10Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 11Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 12Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 13Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
,QWHJUDWHG9.IOH[0RGHP'HYLFH6HWVZLWK86%,QWHUIDFH
5&'86%
0'

Configuration Descriptor
A configuration descriptor describes information about a specific device configuration (see Table 4). The descriptor describes
the number of interfaces provided by the configuration.
Table 4. Configuration Descriptors
Offset
Field
Size
Value
Default
Description
0
bLength
1
Number
09
Size of this descriptor in bytes.
1
bDescriptorType
1
Constant
02
CONFIGURATION.
2
wTotalLength
2
Number
002E
Total length of data returned for this configuration. Includes the
combined length of all descriptors (configuration, interface,
endpoint, and class or vendor specific) returned for this
configuration.
4
bNumInterfaces
1
Number
01
Number of interfaces supported by this configuration.
5
bConfigurationValue
1
Number
01
Value to use as an argument to Set Configuration to select this
configuration.
6
iConfiguration
1
Index
00
Index of string descriptor describing this configuration.
7
bmAttributes
1
Bitmap
A0
Configuration characteristics
D7
Bus Powered
D6
Self Powered
D5
Remote Wakeup
D4..0 Reserved (reset to 0)
A device configuration that uses power from the bus and a local
source sets both D7 and D6. The actual power source at runtime
may be determined using the Get Status device request.
If a device configuration supports remote wakeup, D5 is set to 1.
8
MaxPower
1
mA
C8
Maximum power consumption of USB device from the bus in this
specific configuration when the device is fully operational.
Expressed in 2 mA units (i.e., 50 = 100 mA).
Note: A device configuration reports whether the configuration is
bus-powered or self-powered. Device status reports whether the
device is currently self-powered. If a device is disconnected from its
external power source, it updates device status to indicate that it is
no longer self-powered.
A device may not increase its power draw from the bus, when it
loses its external power source, beyond the amount reported by its
configuration.
If a device can continue to operate when disconnected from its
external power source, it continues to do so. If the device cannot
continue to operate, it fails operations it can no longer support. Host
software may determine the cause of the failure by checking the
status and noting the loss of the device’s power source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com