Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56D-USB Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # RC56D-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56D-USB Datasheet(HTML) 1 Page - Synaptics Incorporated.

  RC56D-USB Datasheet HTML 1Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 2Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 3Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 4Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 5Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
'DWD 6KHHW
2UGHU 1R 0'
5HY  'HFHPEHU  
5&'86%
,QWHJUDWHG9.IOH[
0RGHP'HYLFH6HWVZLWK86%,QWHUIDFHIRU'HVNWRS$SSOLFDWLRQV
Introduction
The CONEXANT
™ RC56D Modem Device Set supports
the USB (Universal Serial Bus), as described by the
Universal Serial Bus Specification Revision 1.0. USB
provides a flexible interconnect between a PC and a wide
range of peripherals, such as to a CONEXANT modem
device set.
The CONEXANT RC56D family devices, in conjunction
with the R8292 USB controller provide a complete USB
modem solution. The supported modem feature set for the
USB modem solution is the same as the standard RC56D
parallel host interface device set (see “RC56D and
RC336D Integrated V.90/K56flex/V.34 Modem Device Set
for Desktop Applications” Data Sheet, Order No. MD211).
The modem models, which include the R8292 UCU (USB
Controller Unit in 68-PLCC), are listed in Table 1.
Hardware
A complete accelerator kit implementing the USB solution
is offered as “Perth” (AK56-D540). This design consists of
the RC56D parallel host interface device set and the
R8292 USB Controller Unit (UCU). The R8292 operates
with a 12 MHz crystal. A 32K x 8, 150 ns EEPROM is
required for USB controller firmware. Additionally, one
latch, one transistor, and two bus transceivers are
required.
The R8292 USB Controller is based on the MCS
®51
microcontroller. It is a hubless USB peripheral controller
that supports suspend/resume modes and
isochronous/non-isochronous transfers.
Firmware
Firmware for the R8292 controller is provided in object
form, however, vendor specific descriptors can be
customized with a supplied utility. Vendor ID, Product ID,
Device Release Number, Manufacturer Name, Product
Name, and Serial Number can all be modified.
Drivers
A complete set of software drivers is provided for
Windows 98 and Windows 95 OSR 2.1 support. Sample
INF files are also provided.
Features
• All features supported by the RC56D family (see data
sheet Order No. MD211)
• Universal Serial Bus Specification Rev 1.0 compliant
• Three function endpoint pairs with corresponding
transmit/receive FIFO pairs
• Automatic transmit/receive FIFO management
• USB full speed 12Mbps
• USB low speed 1.5Mbps
• Reset separation
• Four LED driver outputs
• On-chip phase-locked loop (PLL)
• On-chip USB transceivers
• 256 bytes on-chip Data RAM
• Suspend/Resume
• Vendor specific descriptors
• Windows 98 support
• Windows 95 OSR 2.1 support
• Extension pickup/remote hang-up detection
• Line-in-use detection


Similar Part No. - RC56D-USB

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
More results

Similar Description - RC56D-USB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7554 STMICROELECTRONICS-ST7554 Datasheet
148Kb / 11P
V.90 USB WORLD MODEM CONTROLLER
Jan-1999
logo
List of Unclassifed Man...
RH56D-PCI ETC-RH56D-PCI Datasheet
357Kb / 60P
MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
logo
Synaptics Incorporated.
RH56D-PCI CONEXANT-RH56D-PCI Datasheet
199Kb / 12P
Host Controlled V.90/K56flex Modem device
RP56LD CONEXANT-RP56LD Datasheet
286Kb / 24P
LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
logo
List of Unclassifed Man...
DM560P ETC1-DM560P Datasheet
242Kb / 43P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
logo
Synaptics Incorporated.
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
CX06836 CONEXANT-CX06836 Datasheet
1Mb / 2P
CXHSF-USB Modem Device
logo
List of Unclassifed Man...
RS56L-PCI ETC2-RS56L-PCI Datasheet
161Kb / 12P
Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
logo
Synaptics Incorporated.
RP56D CONEXANT-RP56D Datasheet
230Kb / 18P
Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com