Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56D-USB Datasheet(PDF) 12 Page - Synaptics Incorporated.

Part # RC56D-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56D-USB Datasheet(HTML) 12 Page - Synaptics Incorporated.

Back Button RC56D-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 9Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 10Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 11Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 12Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 13Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 14Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
5&'86%
,QWHJUDWHG9.IOH[0RGHP'HYLFH6HWVZLWK86%,QWHUIDFH

0'
Enumeration
The R8292 enumeration process consists of the following steps:
1.
Get device descriptor. The host requests and reads the device descriptor to determine maximum packet size.
2.
Set address. The host sends the R8292’s function address in a data packet using function endpoint 0. Device firmware
interprets this data.
3.
Get device descriptor. The host requests and reads the device descriptor to determine such information as device class,
USB Specification compliance level, maximum packet size for endpoint 0, vendor id, product id. Etc.
4.
Get configuration descriptor. The host requests and reads the device configuration descriptor to determine such
information as the number of interfaces and endpoints; endpoint transfer type, packet size, and direction; power source
;maximum power; etc. When the host requests the configuration descriptor, all related interface and endpoint descriptors
are returned.
5.
Set configuration. The host assigns a configuration value to the device to establish the current configuration.
Endpoint Pairs
Data transfers with the host are made to/from endpoint pairs on the USB module. The R8292 provides three function endpoint
pairs as follows.
Table 7. Endpoint Pairs
Endpoint Pair
Transmit FIFO
Receive FIFO
USB Data Transfer Types
Function Endpoint 0
8 bytes
8 bytes
Control
Function Endpoint 1
16 bytes
16 bytes
Control, Interrupt, Bulk, Isochronous
Function Endpoint 2
8 bytes
8 bytes
Control, Interrupt, Bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com