Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIAC Datasheet(PDF) 2 Page - Power System Technology

Part # CPCIAC
Description  Standard product AC-DC CompactPCI짰 300W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

CPCIAC Datasheet(HTML) 2 Page - Power System Technology

  CPCIAC Datasheet HTML 1Page - Power System Technology CPCIAC Datasheet HTML 2Page - Power System Technology CPCIAC Datasheet HTML 3Page - Power System Technology CPCIAC Datasheet HTML 4Page - Power System Technology CPCIAC Datasheet HTML 5Page - Power System Technology CPCIAC Datasheet HTML 6Page - Power System Technology CPCIAC Datasheet HTML 7Page - Power System Technology CPCIAC Datasheet HTML 8Page - Power System Technology CPCIAC Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Input Fuse
CPCI AC Rev. 00
Page 2 of 9
www.powersystemtechnology.com
A fuse mounted inside the converter protects against damages in case
of a failure. The fuse is not user-accessible. In DC mode, reverse polarity
at the input is protected and will not cause the fuse to blow .
Model
Fuse type
Ra�ng
Reference
CPCI AC
Schurter
5A
340300173
Input Transient Protec�on
A VDR (Voltage Dependent Resistor) and a common mode input filter form
an effec�ve protec�on against input transients in severe environments.
Electrical Input Data
MIL-STD ruggedized (M)
Meet MIL-STD 461E CE102, MIL-STD 1399-300A, MIL-STD810E shock &
vibra�ons. Laboratory cer�fica�on.
-40°C opera�on (T)
The thermal grade of the Vicor the DC/DC converters used and other
components are changed to comply with low ambiant temperature.
Op�ons Descrip�on
Unit
Characteristics
Conditions
min typ max
Operating input voltage
85
265 Vac
Operating input voltage
100
350 Vdc
Frequency
44 50 440 Hz
Power Factor
230Vac, 50Hz, Pnom.
0,96 0,98
Input current
At Vin min
4,1
A
No-load input power
At Vin typ
15
W
Peak inrush current
Vin max
4
A
Start-up time
1
s
Input
Electrical Output Data
General condi�ons : 25°C ambiant.
Output
Output
Efficiency curve
Power factor curve
Establisment �me curve
Unit
Characteristics
Conditions min typ max min typ max min typ max min
typ max
Output voltage
5
3V3
12
-12
V
Set point accuracy
4,95
5,05 3,26
3,33 11,5
12,5 -11,5
-12,5
V
Trim range
4,5
5,5
3
3,6
V
Overvoltage protection
5,66
3,8
13,6
-13,6
V
Output current
0
40
0
50
0
1
0
1
A
Output current limit
48
59
1,5
1,5
A
Output noise
20MHz
75
50
90
90
mVpp
Line Regulation
Vout nom.
0,05
0,05
0,05
0,05
%
Load Regulation
Vin nom.
0,1
0,1
1
3
%
Output
V1
V2
V3
V4
Max output power 325W overall
Conformal coa�ng (V)
During manufacturing process , when V op�on is specified,
components and pcb are covered with an acrylic coa�ng to address
high level of ambiant humidity applica�on.
61000-4-5 (Y)
Include a common mode surge protec�on 61000-4-5 Level 3 2KV based
on gas discharger and VDR to meet criteria A. BE CAREFUL not to apply
dielectric test if this op�on is choosen. If no Y op�on, criteria B is met.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com