Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIAC Datasheet(PDF) 4 Page - Power System Technology

Part # CPCIAC
Description  Standard product AC-DC CompactPCI짰 300W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

CPCIAC Datasheet(HTML) 4 Page - Power System Technology

  CPCIAC Datasheet HTML 1Page - Power System Technology CPCIAC Datasheet HTML 2Page - Power System Technology CPCIAC Datasheet HTML 3Page - Power System Technology CPCIAC Datasheet HTML 4Page - Power System Technology CPCIAC Datasheet HTML 5Page - Power System Technology CPCIAC Datasheet HTML 6Page - Power System Technology CPCIAC Datasheet HTML 7Page - Power System Technology CPCIAC Datasheet HTML 8Page - Power System Technology CPCIAC Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Inhibit (Remote On/Off)
CPCI AC Rev. 00
Page 4 of 9
www.powersystemtechnology.com
A INH signal ac�vate & de-ac�vate the output voltages
- outputs inhibited : INH level LOW
Output Voltage Adjustment
The converter outputs can be factory adjustable to different values than
standard ones. Consult factory.
Sense Lines
This feature enables compensa�on of voltage drop across the connec-
tor contacts and the load lines. This fonc�onnality is implemented on
V1 & V2 only.
The voltage between any sense line and its respec�ve power output pin
(as measured on the connector) should not exceed the following values
at nominal output voltage.
Output type
Total drop
Posi�ve line drop
V1, V2
< 0.5V
< 0.25V
Powerfail & LED
A FAIL signal (open collector) indicate the working state of the psu.
The signal is open when all outputs voltage are in their range and "0" if
one output is out of range.
A single bi-color LED in the front panel indicates :
- Green : Input OK
- Red : output failure
Waveforms
Auxiliary Func�ons
output noise V1
Enable & IPMB_PWR
EN# signal ac�vates the psu when connected to ground.
IPMB_PWR goes high when 5V output is OK
output noise V2
output noise V4
output noise V3
Output
Minimum
value
Maximum
value
+5V
4,40V
5,55V
+3V3
2,99V
3,65V
+12V
10,7V
13,2V
-12V
-10,7V
-13,1V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com