Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIAC Datasheet(PDF) 3 Page - Power System Technology

Part # CPCIAC
Description  Standard product AC-DC CompactPCI짰 300W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

CPCIAC Datasheet(HTML) 3 Page - Power System Technology

  CPCIAC Datasheet HTML 1Page - Power System Technology CPCIAC Datasheet HTML 2Page - Power System Technology CPCIAC Datasheet HTML 3Page - Power System Technology CPCIAC Datasheet HTML 4Page - Power System Technology CPCIAC Datasheet HTML 5Page - Power System Technology CPCIAC Datasheet HTML 6Page - Power System Technology CPCIAC Datasheet HTML 7Page - Power System Technology CPCIAC Datasheet HTML 8Page - Power System Technology CPCIAC Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Parallel opera�on & current share
CPCI AC Rev. 00
Page 3 of 9
www.powersystemtechnology.com
Redundant Systems Opera�on
Hold-up �me
The converters provide internal hold-up �me (see curve).
Hot Swap
The unit incorporates ac�ve limita�on by MOFSET with very low value
of inrush current allowing hot swap opera�on. See curve.
Output Current Limita�on
All outputs are con�nously protected against short-circuit by a constant
current limita�on (no foldback) with automa�c recovery. See Page 2 for
the value.
Thermal Considera�ons
When a converter is mounted in free air, convec�on cooling and is ope-
ra�ng at its nominal output power at the max. ambiant temperature,
the temperature measured on the heatsink should not exeed 95°C. The
dera�ng curves show the max power available from the converter ver-
sus ambiant temperature.
Thermal protec�on & degrade signal
A temperature protec�on (OTP) is integrated in the unit, disabling
output when heatsink temperature exceeds 90°C (+/-5°C). The con-
verter automa�cally restarts, when the temperature drops below 55°C
(+/-5°C). Nevertheless, exceeding the max opera�ng temperature may
cause failures of the converter.
A degraded signal (DEG), open collector, is provided when temperature
exceed 80°C +/-5°C(ac�ve low) and is reset below 70°C +/-5°C. This can
be monitored external system to reduce power and avoid thermal pro-
tec�on. DEG is opened when temperature is within opera�ng range.
Parrallel opera�ng is possible for V1, V2 with ac�ve current sharing.
The signals SHARE are single wire. All V1 SHARE of the different psu in
parrallel will have to be connected together. (Same for V2 SHARE).
When systems require a very high level of reliability and should work
normally in the event of a failure, N+1 redundancy is implemented
where N is the number of converter to support power requirement.
If one converter fail, the remaining ones s�ll delivers the power to the
loads.
Redundant opera�on is directly provided without need of external
diodes and is made internally by an ac�ve MOFSET circuit.(reduc�on
of losses).
Overvoltage protec�on
An OVP is incorporated on each output. All outputs are cut if an OVP
is detected. This protec�on is latch style (Recovery a�er AC reset or
inhibit).
Hold up �me
Inrush current Ac�ve Limita�on
ĀȀ̀
ĀЀ̀
̀Ԁ؀
Ѐ̀Ԁ؀ Ȁ̀Ԁ؀ ܀̀Ԁ؀ ࠀ̀Ԁ؀ ऀ̀Ԁ؀ ਀̀Ԁ؀ ଀̀Ԁ؀ ఀ̀Ԁ؀ ఀऀԀ؀
Ȁऀ
ऀ̀
଀ऀ
Ѐ̀̀
ЀȀऀ
Ѐऀ̀
Ѐ଀ऀ
Ȁ̀̀
ȀȀऀ
Ȁऀ̀
Ȁ଀ऀ
܀̀̀
܀Ȁऀ
܀ऀ̀
ĀȀĀ̀ЀĀԀԀ؀܀ࠀऀ܀ࠀԀऀ਀଀ఀഀԀ฀ༀԀကᄀሀጀက᐀ࠀԀࠀఀᄀऀԀက᐀ᔀԀကጀഀᘀᜀ਀଀᠀Ԁ
ᤀᨀĀ
Output power ambiant 2ms + 4ms
Output
OVP value
+5V
5,66V
+3V3
3,80V
+12V
13,6V
-12V
-13,6V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com