Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIAC Datasheet(PDF) 5 Page - Power System Technology

Part # CPCIAC
Description  Standard product AC-DC CompactPCI짰 300W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

CPCIAC Datasheet(HTML) 5 Page - Power System Technology

  CPCIAC Datasheet HTML 1Page - Power System Technology CPCIAC Datasheet HTML 2Page - Power System Technology CPCIAC Datasheet HTML 3Page - Power System Technology CPCIAC Datasheet HTML 4Page - Power System Technology CPCIAC Datasheet HTML 5Page - Power System Technology CPCIAC Datasheet HTML 6Page - Power System Technology CPCIAC Datasheet HTML 7Page - Power System Technology CPCIAC Datasheet HTML 8Page - Power System Technology CPCIAC Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Electromagne�c Immunity
CPCI AC Rev. 00
Page 5 of 9
www.powersystemtechnology.com
Electromagne�c Emissions
Level according to EN55022A
Standard
Level Value Waveform Source imped. Test procedure Mode Criteria
DM
1KV 1,2 / 50 µs
12 ohms
OP
B
CM
2KV 1,2 / 50 µs
12 ohms
OP
B
CM
2KV 1,2 / 50 µs
12 ohms
Y option
OP
A
3
EN 61000-4-5
Qualified
Surges
OP
B
Qualified
Qualified
10 pos., 10neg.
OP
B
Electrical fast
transients/burst
EN 61000-4-4
4
4000V 5 / 50µs
50 ohms
Electrostatic discharge
(to case)
EN 6100-4-2
4
8000V 1 / 50µs
330 Ohms
Electromagne�c
MIL-STD461E CE102 M op�on
Immunity to Environmental Condi�ons
Test method
Standard
Test conditions
Status
20g / 18ms half size
5g / 30ms
Vibrations
4-80Hz (2,8m/s²)²/Hz, non operating
160-500Hz (0,175m/s²)²/Hz, non operating
MIL STD 167A-1A
Non operating
Qualified
MIL STD 810F Proc. 514-5
Qualified
Qualified
Damp
Heat
MIL STD 810F Proc. 507-2 Humidity 93 %, 40°C, 56 days
Conformal coating option
only (V), qualified
Shock
MIL STD 810F Proc.516.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com