Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIAC Datasheet(PDF) 7 Page - Power System Technology

Part # CPCIAC
Description  Standard product AC-DC CompactPCI짰 300W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

CPCIAC Datasheet(HTML) 7 Page - Power System Technology

  CPCIAC Datasheet HTML 1Page - Power System Technology CPCIAC Datasheet HTML 2Page - Power System Technology CPCIAC Datasheet HTML 3Page - Power System Technology CPCIAC Datasheet HTML 4Page - Power System Technology CPCIAC Datasheet HTML 5Page - Power System Technology CPCIAC Datasheet HTML 6Page - Power System Technology CPCIAC Datasheet HTML 7Page - Power System Technology CPCIAC Datasheet HTML 8Page - Power System Technology CPCIAC Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CPCI AC Rev. 00
Page 7 of 9
www.powersystemtechnology.com
Positronic 47 pts
Connector Pin Alloca�on
PIN
1, 2, 3, 4
V1
Output 1 +
5, 6, 7, 8, 9, 10,
11, 12, 19, 22,
24
RTN
Outputs 0V
13, 14, 15, 16,
17, 18
V2
Output 2 +
20
V3
Output 3+
21
V4
Output 4-
23, 25, 26, 28,
29, 31, 32, 36,
37, 40, 44
NC
Not Connected
27
EN#
Enable
30
V1 SENSE
Remote sense V1+
33
V2 SENSE
Remote sense V2+
34
S RTN
Remote sense 0V
35
V1 SHARE
Current sharing V1
38
DEG
Degrade mode signal
39
INH
Inhibition
41
V2 SHARE
Current sharing V2
42
FAIL
Signal Fail
43
IPMB_PWR
45
EARTH
Earth
46
AC/N
AC Neutral
47
AC/L
AC Line
Positronic PCIH47M400A1/AA
Description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com