Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIAC Datasheet(PDF) 8 Page - Power System Technology

Part # CPCIAC
Description  Standard product AC-DC CompactPCI짰 300W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

CPCIAC Datasheet(HTML) 8 Page - Power System Technology

  CPCIAC Datasheet HTML 1Page - Power System Technology CPCIAC Datasheet HTML 2Page - Power System Technology CPCIAC Datasheet HTML 3Page - Power System Technology CPCIAC Datasheet HTML 4Page - Power System Technology CPCIAC Datasheet HTML 5Page - Power System Technology CPCIAC Datasheet HTML 6Page - Power System Technology CPCIAC Datasheet HTML 7Page - Power System Technology CPCIAC Datasheet HTML 8Page - Power System Technology CPCIAC Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CPCI AC Rev. 00
Page 8 of 9
www.powersystemtechnology.com
These converters are components, intended exclusively for integra�on
into other equipment by an industrial assembly process or by a profes-
sionally competent person. Installa�on must strictly follow the safety
regula�ons in respect of the enclosure, moun�ng, creepage and clea-
rance distances, markings of the end-use applica�on.
Connec�on to the system shall be made via the female connector Po-
sitronic.
Pin 45 (Earth) is a leading pin and is connected to the case. For safety
reasons it is essen�al to connect this pin to the protec�ve earth of the
supply system.
The AC/L is internally fused. This fuse is designed to protect the con-
verter against overcurrent caused by a failure, but may not be able to
sa�sfy all requirements. External fuses in the wiring circuit to one or
both input pins (46 or 47) may be necessary to ensure compliance with
local requirements.
Do not open the converters, or the warranty will be invalidated. Make
sure that there is sufficient airflow available for convec�on cooling. This
should be verified by measuring the case of temperature at the speci-
fied measuring point, when the converter is operated in the end-use
Cleaning Agents and Process
The converters are not herme�cally sealed. In order to avoid possible
damage, any penetra�on of liquids shall be avoided.
Isola�on
The electric strength test is performed in the factory in accordance with
IEC/EN 60950.
Standards and Approvals
The converters are built to meet the safety standards IEC 60950-1, EN
60950-1.
‘Built to meet’ men�onned in the different paragraphs of the datasheet
means that Power System Technology has designed the product to
meet the standard but not cer�fied it in a laboratory.
‘Qualified’ means that the test has been made in a cer�fied laboratory.
Electric Strength
Design strength
1500
3000
500
Vrms
> 100
>100
Mohms
Insulation resistance
Characteristic
Output to
Output
Unit
Electric
strength
Factory test for production
units (>10s)
2000
2000
500
Vdc
Input to Earth
Input to
Output
Output to
Earth
Temperatures
ĀȀ̀ЀԀ̀؀Ԁ܀
ࠀ܀ऀ਀Ȁ଀ऀЀ
ఀЀ଀Ȁ
ഀऀЀԀ଀Ȁ଀ऀЀ฀
ༀ଀Ѐက
ༀ̀ᄀက
ༀ଀Ѐက
ༀ̀ᄀက
ĀȀ̀ЀԀ؀܀
ࠀऀ਀
଀ఀഀ
ࠀ฀਀
଀ఀഀ
ༀက
ࠀऀ਀
଀ഀ਀਀
ࠀ฀਀
଀ഀ਀਀
ᄀ܀ሀጀԀ᐀ᔀ
ࠀ฀਀
଀ഀऀᘀ
ࠀ฀਀
଀ഀऀᘀ
ࠀሀ਀က
ࠀሀ਀က
ᜀ᠀ᔀጀԀ܀Ѐ؀᐀ᤀᨀᬀᔀᔀᤀᰀᔀጀԀ܀Ѐ؀᐀ᴀ
ḀᔀԀ܀ᬀЀ؀ἀ
ሀ܀ᤀሀ᠀ᔀጀԀ܀Ѐ؀᐀
Reliability
MIL-HDBK-217F, notice 2
Model
Heatsink Temp.
GB
GF
40°C
285000
165000
70°C
139500
82300
100°C
86600
51000
MTBF ( Hours)
CPCIAC
Safety & Installa�on
Note : If Y op�on is choosen, do not apply dielectric test.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com