Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIAC Datasheet(PDF) 1 Page - Power System Technology

Part # CPCIAC
Description  Standard product AC-DC CompactPCI짰 300W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

CPCIAC Datasheet(HTML) 1 Page - Power System Technology

  CPCIAC Datasheet HTML 1Page - Power System Technology CPCIAC Datasheet HTML 2Page - Power System Technology CPCIAC Datasheet HTML 3Page - Power System Technology CPCIAC Datasheet HTML 4Page - Power System Technology CPCIAC Datasheet HTML 5Page - Power System Technology CPCIAC Datasheet HTML 6Page - Power System Technology CPCIAC Datasheet HTML 7Page - Power System Technology CPCIAC Datasheet HTML 8Page - Power System Technology CPCIAC Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4
85-265Vac or 100-350Vdc input voltage ranges
4
4 outputs
4
Output power 300W
4
Power Factor Correc�on EN61000-3-2
4
Ac�ve very low inrush limita�on
4
Surge and transient protec�on
4
Current sharing & N+1 redundancy
4
3U x 8TE x 160mm
Safety IEC/EN 60950-1, RoHS lead-free-solder compliant
The CPCI AC, AC-DC CompactPCI® compliant with PICMG 2.11 standard, incorporates input and output protec�ons and filtering, signalling featu-
res, required in severe environments for industrial, defense, avionic applica�ons. The PSU provides significant advantages, high reliability thanks
to the integra�on of Vicor Corp. modules, high efficiency, low ripple and noise levels, input-to-output isola�on, so� start, MOFSET based ac�ve
very low inrush limita�on circuit, overtemperature protec�on, input over/undervoltage lockout. The input is protected against surges and tran-
sients and EMI filtered. The outputs are coun�nuously short-circuit proof . LEDs in front panel indicates the status of the psu.
CPCI AC
Standard product AC-DC CompactPCI® 300W
CPCI AC Rev. 00
Page 1 of 9
www.powersystemtechnology.com
RoHS
-OUTVI4
+OUTVI3
+OUTVI5
C6
D2
HT-
384Vdc
+HT
-SH
+SH
85-265 Vac
44-440HZ
C4
C2
AC-L
AC-N
F1
PD1
VDR1
C5
C7
C8
R3
I Appel 0.8A max
EMI filtering, Active Inrush current limiting and PFC
R1
R2
R6
C1
R7
R9
R8
R10
Carte commande CDPFCC
Schéma électrique
CDPFCC
CDE
+VR
+HT
INH
+SH
-SH
SI
-HT
GL
GH
CDPFC1
+VR
T1
T2
T3
T4
R4
R5
C3
R27
L1
L2
D1
2
1
L3
+HT
INHG
F3
L5
L4
40Vdc Nom
VC
PC
TM
+IN
-IN
+OUT
-OUT
VTM
47,6V max
C20
+IN VI2
RTN
V1
T6
VC
PC
TM
+IN
-IN
RE
SG
IF
+OUT
-OUT
PR
VS
PRM
SG
RTN
IF
RE
9V
3v3
Ilimit 2V
R22
+IN
-In
+0ut1
PC
RSV
TM
+0ut2
-0ut1
-0ut2
BCM
C10
C11
C12
C13
F2
D3
48V
HT-
PC
RTN
C37
V3
V4
V3 : +12V/2A
V4: -12V/0.6A
32V min
F4
L7
L6
39.6Vdc Nom
VC
PC
TM
+IN
-IN
+OUT
-OUT
VTM
45,6V max
V2: 3.3V/50Amax
C21
+IN VI4
RTN
V2
T8
VC
PC
TM
+IN
-IN
RE
SG
IF
+OUT
-OUT
PR
VS
PRM
SG1
RTN
IF1
RE1
9V
3v3
Ilimit 2V
R26
D4
48V
RTN
PC
34.8V min
+OUT VI1
1/12
1/8
R12
R14
C28
C14
C19
C27
C30
C31
C32
R11
R13
C29
C16
C18
C33
C9
C38
C39
C40
C41
C42
C43
+OUT VI1
PC
RTN
-VOUT
7
+VOUT
6
+VIN
2
Remote On/Off
3
-VIN
1
-VOUT
7
+VOUT
6
+VIN
2
Remote On/Off
3
-VIN
1
F5
V1: 5V/40Amax
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
J1
V1
V1
V1
V1
RTN
RTN
RTN
RTN
RTN
RTN
RTN
RTN
V2
V2
V2
V2
V2
V2
RTN
V3
V4
RTN
RTN
EN#
V1SENSE
V2SENSE
S RTN
V1SHARE
INH
V2SHARE
AC-N
AC-L
FAIL
DEG
R28
R30
R31
R32
IPMB_PWR
CTN1
R36
T9
R40
T10
R42
R43
D5
C34
C35
C44
C45
C36
C46
C47
Protection and Control board
4
3
2
1
5
6
7
8
10
11
12
13
9
Regulation and current sharing
V1
1
2
3
4
5
6
7
V2
Regulation and current sharing
1
2
3
4
5
6
7
PFC and inrush current control board
Descrip�on
Bloc diagramm


Similar Part No. - CPCIAC

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - CPCIAC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
300W DC-DC CONVERTER
Jun-1994
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
Industry Standard 쩌 Brick: 300W DC Transformer
logo
Mean Well Enterprises C...
A-301-300 MEANWELL-A-301-300 Datasheet
358Kb / 2P
300W Modified Sine Wave DC-AC Power Inverter
logo
Murata Manufacturing Co...
TPS_CPCI-A-3U-300C MURATA-TPS_CPCI-A-3U-300C Datasheet
132Kb / 4P
300W 3Ux8HP AC/DC CompactPCI
logo
BOSER Technology Co., L...
ZKS-300WX-A BOSER-ZKS-300WX-A Datasheet
65Kb / 1P
300W AC-DC ATX Power Supply supports ATX2.03
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
300W DC-DC Converter
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
300W DC-DC Converter
logo
Mean Well Enterprises C...
A300-300 MEANWELL-A300-300 Datasheet
94Kb / 2P
300W Modified Sine Wave DC-AC Power Inverter
logo
ETA-USA
DTMF300-SX-F-W6 ETA-USA-DTMF300-SX-F-W6 Datasheet
1Mb / 4P
300W AC/DC Switching Adapter-Single Output
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
300W DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com