Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V370PDC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V370PDC Datasheet HTML 1Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 2Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 3Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 4Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 5Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
V370PDC
Copyright © 1999, V3 Semiconductor Corp.
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
3
Table 3: Signal Descriptions
PCI Bus Interface
Signal
Type
Ra
Description
AD[31:0]
PCI I/O
Z
Address and data, multiplexed on the same pins.
C/BE[3:0]
PCI I
Bus Command and Byte Enables, multiplexed on the same pins.
PAR
PCI I/O
Z
Parity represents even parity across AD[31:0] and C/BE[3:0].
FRAME
PCI I
Cycle Frame indicates the beginning and burst length of an
access.
IRDY
PCI I
Initiator Ready indicates the initiating agent’s (bus master’s) ability
to complete the current data phase of the transaction.
TRDY
PCI O
Z
Target Ready indicates the target agent’s (selected device’s) abil-
ity to complete the current data phase of the transaction.
STOP
PCI O
Z
Stop indicates the current target is requesting the master to stop
the current transaction (retry or disconnect).
DEVSEL
PCI O
Z
Device Select, when actively driven by a target, indicates the driv-
ing device has decoded its address as the target of the current
access.
IDSEL
PCI I
Initialization Device Select is used as a chip select during configu-
ration read and write transactions. It must be driven high in order
to access the chip’s internal configuration space.
PERR
PCI I/O
Z
Parity Error is used to report data parity errors during all PCI
transactions except a Special Cycle.
SERR
PCI I/OD
Z
System Error is used to report address parity errors, data parity
errors on the Special Cycle command, or any other system error
where the result will be catastrophic.
PCLK
PCI I
PCLK provides timing for all transactions on the PCI bus.
SDRAM and Peripheral Bus Interface
Signal
Type
R
Description
CLKIN
I
Local clock input
CLKOUT
O12
X
Buffered PCI clock output
DCS[3:0]
O8
Z
SDRAM Chip Select
MA[14:0]
O12
Z
SDRAM Memory Address (also, A[16:2] for peripheral access).
MA[14:13] are typically used for BA[1:0]
RAS
O12
Z
SDRAM Row Address Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com