Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V370PDC Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 10Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 11Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 12Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 13Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
V370PDC
12
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
Copyright © 1999, V3 Semiconductor Inc.
3.5
Local Bus Timings
Figure 3: Clock and Synchronous Signals
:
Table 10: Local Bus AC Test Conditions
Symbol
Parameter
Limits
Units
VCC
Supply voltage 3.3 volt operation
3.0 to 3.60
V
VIN
Input low and high voltages
0.4 and 2.0
V
COUT
Capacitive load on output and I/O pins
50
pF
Table 11: Capacitive Derating for Output and I/O Pins
Output Drive Limit
Supply voltage
Derating
8mA
3.3 volt
0.019 ns/pF for loads > 50pF
12mA
3.3 volt
0.017 ns/pF for loads > 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com